Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MIMX9331DVVXMAC Arkusz danych(PDF) 97 Page - NXP Semiconductors

Numer części MIMX9331DVVXMAC
Szczegółowy opis  i.MX 93 Applications Processors Data Sheet for Commercial Products
PDF  123 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  NXP [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo NXP - NXP Semiconductors

MIMX9331DVVXMAC Arkusz danych(HTML) 97 Page - NXP Semiconductors

Back Button MIMX9331DVVXMAC Datasheet HTML 93Page - NXP Semiconductors MIMX9331DVVXMAC Datasheet HTML 94Page - NXP Semiconductors MIMX9331DVVXMAC Datasheet HTML 95Page - NXP Semiconductors MIMX9331DVVXMAC Datasheet HTML 96Page - NXP Semiconductors MIMX9331DVVXMAC Datasheet HTML 97Page - NXP Semiconductors MIMX9331DVVXMAC Datasheet HTML 98Page - NXP Semiconductors MIMX9331DVVXMAC Datasheet HTML 99Page - NXP Semiconductors MIMX9331DVVXMAC Datasheet HTML 100Page - NXP Semiconductors MIMX9331DVVXMAC Datasheet HTML 101Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 123 page
background image
Table 103. 11 x 11 mm, 0.5 mm pitch, ball map ...continued
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
H
DRA
M_C
KE0_
A
DRA
M_C
A0_A
VSS
VSS
VSS
VSS
SAI1
_RX
D0
SAI1
_TXD
0
H
J
DRA
M_D
Q06_
A
DRA
M_D
Q07_
A
VSS DRA
M_C
KE1_
A
VSS VDD
Q_D
DR
VDD
Q_D
DR
VSS VDD
_SO
C
VDD
_SO
C
VDD
_SO
C
VDD
_SO
C
VDD
_SO
C
VSS VDD
_AN
A_0P
8
VDD
_AN
A_0P
8
PDM
_BIT
_STR
EAM
0
WDO
G_A
NY
VSS GPIO
_IO0
1
GPIO
_IO0
0
J
K
DRA
M_D
Q04_
A
DRA
M_D
Q05_
A
VDD
_SO
C
VDD
_SO
C
VSS VDD
_SO
C
VDD
_SO
C
GPIO
_IO0
2
GPIO
_IO0
3
K
L
VSS DRA
M_D
MI0_
A
VSS DRA
M_D
QS0_
C_A
VSS VDD
Q_D
DR
VDD
2_DD
R
VSS
VSS VDD
_AN
AVD
ET_1
P8
NVC
C_A
ON
GPIO
_IO0
4
GPIO
_IO0
5
VSS GPIO
_IO0
6
GPIO
_IO0
7
L
M
DRA
M_D
Q02_
A
DRA
M_D
Q03_
A
VDD
_SO
C
VDD
_SO
C
VSS VDD
_SO
C
VDD
_SO
C
GPIO
_IO0
8
GPIO
_IO0
9
M
N
DRA
M_D
Q00_
A
DRA
M_D
Q01_
A
VSS DRA
M_D
QS0_
T_A
VSS VDD
2_DD
R
VDD
2_DD
R
VSS VDD
_SO
C
VDD
_SO
C
VDD
_SO
C
VDD
_SO
C
VDD
_SO
C
VSS NVC
C_G
PIO
NVC
C_G
PIO
GPIO
_IO1
0
GPIO
_IO1
1
VSS GPIO
_IO1
2
GPIO
_IO1
3
N
Table continues on the next page...
NXP Semiconductors
IMX93CEC
i.MX 93 Applications Processors Data Sheet for Commercial Products
IMX93CEC
All information provided in this document is subject to legal disclaimers.
© 2026 NXP B.V. All rights reserved.
Product data sheet
Rev. 7 — 12 February 2026
Document feedback
97 / 123



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com