Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MIMX9331DVVXMAC Arkusz danych(PDF) 52 Page - NXP Semiconductors

Numer części MIMX9331DVVXMAC
Szczegółowy opis  i.MX 93 Applications Processors Data Sheet for Commercial Products
PDF  123 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  NXP [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo NXP - NXP Semiconductors

MIMX9331DVVXMAC Arkusz danych(HTML) 52 Page - NXP Semiconductors

Back Button MIMX9331DVVXMAC Datasheet HTML 48Page - NXP Semiconductors MIMX9331DVVXMAC Datasheet HTML 49Page - NXP Semiconductors MIMX9331DVVXMAC Datasheet HTML 50Page - NXP Semiconductors MIMX9331DVVXMAC Datasheet HTML 51Page - NXP Semiconductors MIMX9331DVVXMAC Datasheet HTML 52Page - NXP Semiconductors MIMX9331DVVXMAC Datasheet HTML 53Page - NXP Semiconductors MIMX9331DVVXMAC Datasheet HTML 54Page - NXP Semiconductors MIMX9331DVVXMAC Datasheet HTML 55Page - NXP Semiconductors MIMX9331DVVXMAC Datasheet HTML 56Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 123 page
background image
SD7
SD1
SD5
SD5
SD6
SCK
Output from
Strobe
Input from
uSDHC to eMMC
eMMC to uSDHC
DAT0
DAT1
DAT7
...
DAT0
DAT1
DAT7
...
SD4
SD4
SD3
SD2
Figure 24. HS400 timing
Table 55. HS400 interface timing specification (Nominal and Overdrive mode)[1],[2]
ID
Parameter
Symbols
Min
Max
Unit
Card Input Clock
SD1
Clock frequency
fPP
0
200
MHz
SD2
Clock low time
tCL
2.2
—
ns
SD3
Clock high time
tCH
2.2
—
ns
uSDHC Output/Card Inputs DAT (Reference to SCK)
SD4
Output skew from Data of edge of SCK
tOSkew1
0.45
—
ns
SD5
Output skew from SCK to Data of edge
tOSkew2
0.45
—
ns
uSDHC Input/Card Outputs DAT (Reference to Strobe)
SD6
uSDHC input skew
tRQ
—
0.45
ns
SD7
uSDHC hold skew
tRQH
—
0.45
ns
[1] Input timing assumes an input signal slew rate of 1 ns (20%/80%).
[2] Output timing valid for maximum external load CL = 15 pF, which is assumed to be a 8 pF load at the end of a 50 ohm, unterminated, 2-inch microstrip trace
on standard FR4 (3.3 pF/inch). For best signal integrity, the series resistance of the transmission line should be matched closely to the RDSON of the I/O pad
output driver.
Table 56. HS400 interface timing specification (Low drive mode)[1],[2]
ID
Parameter
Symbols
Min
Max
Unit
Card Input Clock
SD1
Clock frequency
fPP
0
133
MHz
Table continues on the next page...
NXP Semiconductors
IMX93CEC
i.MX 93 Applications Processors Data Sheet for Commercial Products
IMX93CEC
All information provided in this document is subject to legal disclaimers.
© 2026 NXP B.V. All rights reserved.
Product data sheet
Rev. 7 — 12 February 2026
Document feedback
52 / 123



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com