Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MIMX9331DVVXMAC Arkusz danych(PDF) 72 Page - NXP Semiconductors

Numer części MIMX9331DVVXMAC
Szczegółowy opis  i.MX 93 Applications Processors Data Sheet for Commercial Products
PDF  123 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  NXP [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo NXP - NXP Semiconductors

MIMX9331DVVXMAC Arkusz danych(HTML) 72 Page - NXP Semiconductors

Back Button MIMX9331DVVXMAC Datasheet HTML 68Page - NXP Semiconductors MIMX9331DVVXMAC Datasheet HTML 69Page - NXP Semiconductors MIMX9331DVVXMAC Datasheet HTML 70Page - NXP Semiconductors MIMX9331DVVXMAC Datasheet HTML 71Page - NXP Semiconductors MIMX9331DVVXMAC Datasheet HTML 72Page - NXP Semiconductors MIMX9331DVVXMAC Datasheet HTML 73Page - NXP Semiconductors MIMX9331DVVXMAC Datasheet HTML 74Page - NXP Semiconductors MIMX9331DVVXMAC Datasheet HTML 75Page - NXP Semiconductors MIMX9331DVVXMAC Datasheet HTML 76Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 123 page
background image
[1] The maximum frequency supported is 56 MHz when NVCC_xxxx operating at 3.3 V.
Table 76. FlexSPI input timing in SDR mode where FlexSPI
n_MCR0[RXCLKSRC] = 0X0 (Low drive mode)
Symbol
Parameter
Min
Max
Unit
—
Frequency of operation
—
50
MHz
F1
Setup time for incoming data
7
—
ns
F2
Hold time for incoming data
0
—
ns
Table 77. FlexSPI input timing in SDR mode where FlexSPI
n_MCR0[RXCLKSRC] = 0X1 (Nominal and Overdrive mode)
[1]
Symbol
Parameter
Min
Max
Unit
—
Frequency of operation[2]
—
166
MHz
F1
Setup time for incoming data
1
—
ns
F2
Hold time for incoming data
1
—
ns
[1] These timing specifications are valid only for 1.8 V nominal I/O pad supply voltage. For 3.3 V I/O supply, see Table 78.
[2] The maximum frequency supported is 56 MHz when NVCC_xxxx operating at 3.3 V.
Table 78. FlexSPI input timing in SDR mode where FlexSPI
n_MCR0[RXCLKSRC] = 0X1 (Low drive mode)
Symbol
Parameter
Min
Max
Unit
—
Frequency of operation[1]
—
100
MHz
F1
Setup time for incoming data
2
—
ns
F2
Hold time for incoming data
1
—
ns
[1] The maximum frequency supported is 56 MHz when NVCC_xxxx operating at 3.3 V.
F1
F2
F1
F2
FLEXSPI_SCLK
FLEXSPI_DATA[7:0]
Internal Sample Clock
Figure 43. FlexSPI input timing in SDR mode where FlexSPIn_MCR0[RXCLKSRC] = 0X0, 0X1
Note:
Timing shown is based on the memory generating read data on the SCK falling edge, and FlexSPI controller sampling read data
on the falling edge.
4.12.9.1.2 SDR mode with FlexSPIn_MCR0[RXCLKSRC] = 0x3
There are two cases when the memory provides both read data and the read strobe in SDR mode:
• A1—Memory generates both read data and read strobe on SCK rising edge (or falling edge)
NXP Semiconductors
IMX93CEC
i.MX 93 Applications Processors Data Sheet for Commercial Products
IMX93CEC
All information provided in this document is subject to legal disclaimers.
© 2026 NXP B.V. All rights reserved.
Product data sheet
Rev. 7 — 12 February 2026
Document feedback
72 / 123



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com