Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MIMX9331DVVXMAC Arkusz danych(PDF) 26 Page - NXP Semiconductors

Numer części MIMX9331DVVXMAC
Szczegółowy opis  i.MX 93 Applications Processors Data Sheet for Commercial Products
PDF  123 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  NXP [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo NXP - NXP Semiconductors

MIMX9331DVVXMAC Arkusz danych(HTML) 26 Page - NXP Semiconductors

Back Button MIMX9331DVVXMAC Datasheet HTML 22Page - NXP Semiconductors MIMX9331DVVXMAC Datasheet HTML 23Page - NXP Semiconductors MIMX9331DVVXMAC Datasheet HTML 24Page - NXP Semiconductors MIMX9331DVVXMAC Datasheet HTML 25Page - NXP Semiconductors MIMX9331DVVXMAC Datasheet HTML 26Page - NXP Semiconductors MIMX9331DVVXMAC Datasheet HTML 27Page - NXP Semiconductors MIMX9331DVVXMAC Datasheet HTML 28Page - NXP Semiconductors MIMX9331DVVXMAC Datasheet HTML 29Page - NXP Semiconductors MIMX9331DVVXMAC Datasheet HTML 30Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 123 page
background image
POR_B
NVCC_SD2
(0.6 V LPDDR4X)
VDDQ_DDR
VDD2_DDR
VDD_ANA_0P8, VDD_
VDD_SOC
PMIC_ON_REQ
NVCC_BBSM_1P8
NVCC_XXX_3P3
VDD_USB_3P3
VDDQ_DDR (1.1 V LPDDR4)
VDD_ANAx_1P8,
VDD_MIPI_1P8,
VDD_LVDS_1P8,
NVCC_XXX(1P8)
VDD_USB_1P8,
MIPI_0P8, VDD_USB_0P8
BBSM
BBSM
Figure 4. The power sequence of i.MX 93 processors
Note: POR_B must be asserted whenever VDD_SOC is powered down, but NVCC_BBSM_1P8 is powered up (when the
processor is in BBSM mode).
4.3.1 Power-up sequence
The power-up sequence of i.MX 93 is defined as follows:
1. Turn on NVCC_BBSM_1P8
2. [The SoC will assert PMIC_ON_REQ at this point in time.]
3. Turn on VDD_SOC digital voltage supplies.
4. Turn on all VDD_*_0P8 analog, PHY, and PLL supplies.
5. Turn on all remaining 1.8 V supplies. This includes VDD_*_1P8 analog, PHY, PLL supplies, and any 1.8 V NVCC_XXX
I/O supplies.
6. Turn on DDR I/O supplies.
7. Turn on 3.3 V supplies. This includes all 3.3 V NVCC_XXX I/O supplies and VDD_USB_3P3. [This 3.3 V supply step
may be simultaneous with either the 1.8 V or the DDR supplies if desired.]
8. POR_B release (it should be asserted during the entire power-up sequence.)
4.3.2 Power-down sequence
The power-down sequence of i.MX 93 is defined as follows:
• Turn off NVCC_BBSM_1P8 last
• Turn off VDD_SOC after the other (non-BBSM) power rails or at the same time as other (non-BBSM) rails.
• No sequence for other power rails during power down.
NXP Semiconductors
IMX93CEC
i.MX 93 Applications Processors Data Sheet for Commercial Products
IMX93CEC
All information provided in this document is subject to legal disclaimers.
© 2026 NXP B.V. All rights reserved.
Product data sheet
Rev. 7 — 12 February 2026
Document feedback
26 / 123



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com