Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MIMX9331DVVXMAC Arkusz danych(PDF) 89 Page - NXP Semiconductors

Numer części MIMX9331DVVXMAC
Szczegółowy opis  i.MX 93 Applications Processors Data Sheet for Commercial Products
PDF  123 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  NXP [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo NXP - NXP Semiconductors

MIMX9331DVVXMAC Arkusz danych(HTML) 89 Page - NXP Semiconductors

Back Button MIMX9331DVVXMAC Datasheet HTML 85Page - NXP Semiconductors MIMX9331DVVXMAC Datasheet HTML 86Page - NXP Semiconductors MIMX9331DVVXMAC Datasheet HTML 87Page - NXP Semiconductors MIMX9331DVVXMAC Datasheet HTML 88Page - NXP Semiconductors MIMX9331DVVXMAC Datasheet HTML 89Page - NXP Semiconductors MIMX9331DVVXMAC Datasheet HTML 90Page - NXP Semiconductors MIMX9331DVVXMAC Datasheet HTML 91Page - NXP Semiconductors MIMX9331DVVXMAC Datasheet HTML 92Page - NXP Semiconductors MIMX9331DVVXMAC Datasheet HTML 93Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 123 page
background image
Table 102. 11 x 11 mm functional contact assignment ...continued
Ball name
11 x 11
ball
Power group
Ball Types
Default setting
Default
modes
Default function
Status while
reset is
asserted
ENET2_MDIO
AA6
NVCC_WAKEUP
GPIO
Alt5
GPIO4.IO[15]
Input with PD
ENET2_RD0
AA4
NVCC_WAKEUP
GPIO
Alt5
GPIO4.IO[24]
Input with PD
ENET2_RD1
Y5
NVCC_WAKEUP
GPIO
Alt5
GPIO4.IO[25]
Input with PD
ENET2_RD2
AA5
NVCC_WAKEUP
GPIO
Alt5
GPIO4.IO[26]
Input with PD
ENET2_RD3
Y6
NVCC_WAKEUP
GPIO
Alt5
GPIO4.IO[27]
Input with PD
ENET2_RX_CTL
Y4
NVCC_WAKEUP
GPIO
Alt5
GPIO4.IO[22]
Input with PD
ENET2_RXC
AA3
NVCC_WAKEUP
GPIO
Alt5
GPIO4.IO[23]
Input with PD
ENET2_TD0
T8
NVCC_WAKEUP
GPIO
Alt5
GPIO4.IO[19]
Input with PD
ENET2_TD1
U8
NVCC_WAKEUP
GPIO
Alt5
GPIO4.IO[18]
Input with PD
ENET2_TD2
V8
NVCC_WAKEUP
GPIO
Alt5
GPIO4.IO[17]
Input with PD
ENET2_TD3
T10
NVCC_WAKEUP
GPIO
Alt5
GPIO4.IO[16]
Input with PD
ENET2_TX_CTL
V6
NVCC_WAKEUP
GPIO
Alt5
GPIO4.IO[20]
Input with PD
ENET2_TXC
U6
NVCC_WAKEUP
GPIO
Alt5
GPIO4.IO[21]
Input with PD
GPIO_IO00
J21
NVCC_GPIO
GPIO
Alt0
GPIO2.IO[0]
Input with PD
GPIO_IO01
J20
NVCC_GPIO
GPIO
Alt0
GPIO2.IO[1]
Input with PD
GPIO_IO02
K20
NVCC_GPIO
GPIO
Alt0
GPIO2.IO[2]
Input with PD
GPIO_IO03
K21
NVCC_GPIO
GPIO
Alt0
GPIO2.IO[3]
Input with PD
GPIO_IO04
L17
NVCC_GPIO
GPIO
Alt0
GPIO2.IO[4]
Input with PD
GPIO_IO05
L18
NVCC_GPIO
GPIO
Alt0
GPIO2.IO[5]
Input with PD
GPIO_IO06
L20
NVCC_GPIO
GPIO
Alt0
GPIO2.IO[6]
Input with PD
GPIO_IO07
L21
NVCC_GPIO
GPIO
Alt0
GPIO2.IO[7]
Input with PD
GPIO_IO08
M20
NVCC_GPIO
GPIO
Alt0
GPIO2.IO[8]
Input with PD
GPIO_IO09
M21
NVCC_GPIO
GPIO
Alt0
GPIO2.IO[9]
Input with PD
Table continues on the next page...
NXP Semiconductors
IMX93CEC
i.MX 93 Applications Processors Data Sheet for Commercial Products
IMX93CEC
All information provided in this document is subject to legal disclaimers.
© 2026 NXP B.V. All rights reserved.
Product data sheet
Rev. 7 — 12 February 2026
Document feedback
89 / 123



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com