Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MIMX9331DVVXMAC Arkusz danych(PDF) 76 Page - NXP Semiconductors

Numer części MIMX9331DVVXMAC
Szczegółowy opis  i.MX 93 Applications Processors Data Sheet for Commercial Products
PDF  123 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  NXP [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo NXP - NXP Semiconductors

MIMX9331DVVXMAC Arkusz danych(HTML) 76 Page - NXP Semiconductors

Back Button MIMX9331DVVXMAC Datasheet HTML 72Page - NXP Semiconductors MIMX9331DVVXMAC Datasheet HTML 73Page - NXP Semiconductors MIMX9331DVVXMAC Datasheet HTML 74Page - NXP Semiconductors MIMX9331DVVXMAC Datasheet HTML 75Page - NXP Semiconductors MIMX9331DVVXMAC Datasheet HTML 76Page - NXP Semiconductors MIMX9331DVVXMAC Datasheet HTML 77Page - NXP Semiconductors MIMX9331DVVXMAC Datasheet HTML 78Page - NXP Semiconductors MIMX9331DVVXMAC Datasheet HTML 79Page - NXP Semiconductors MIMX9331DVVXMAC Datasheet HTML 80Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 123 page
background image
TSCKD
TSCKDQS
FLEXSPI_SCLK
FLEXSPI_DATA[7:0]
FLEXSPI_DQS
Figure 47. FlexSPI input timing in DDR mode where FlexSPIn_MCR0[RXCLKSRC] = 0x3
4.12.9.2 FlexSPI output/write timing
The following sections describe output signal timing for the FlexSPI controller including control signals and data outputs.
4.12.9.2.1 SDR mode
Table 88. FlexSPI output timing in SDR mode (Nominal and Overdrive mode)[1]
Symbol
Parameter
Min
Max
Unit
—
Frequency of operation[2]
—
200
MHz
Tck
SCK clock period
5
—
ns
TDVO
Output data valid time
—
0.6
ns
TDHO
Output data hold time
-0.6
—
ns
TCSS
Chip select output setup time[3]
(TCSS + 0.5) x
Tck - 0.6
—
ns
TCSH
Chip select output hold time
[3]
(TCSH x Tck) -
0.6
—
ns
[1] These timing specifications are valid only for 1.8 V nominal I/O pad supply voltage. For 3.3 V I/O supply, see Table 89
[2] The maximum frequency supported is 56 MHz when NVCC_xxxx operating at 3.3 V.
[3] TCSS and TCSH are configured by the FlexSPIn_FLSHAxCR1 register. See i.MX 93 Applications Processor Reference Manual (IMX93RM) for more details.
Table 89. FlexSPI output timing in SDR mode (Low drive mode)
Symbol
Parameter
Min
Max
Unit
—
Frequency of operation[1]
—
133[2]
MHz
Tck
SCK clock period
7.5
—
ns
TDVO
Output data valid time
—
2
ns
TDHO
Output data hold time
-2
—
ns
TCSS
Chip select output setup time
(TCSS + 0.5) x
Tck - 2
—
ns
TCSH
Chip select output hold time
[3]
(TCSH x Tck) - 2 —
ns
NXP Semiconductors
IMX93CEC
i.MX 93 Applications Processors Data Sheet for Commercial Products
IMX93CEC
All information provided in this document is subject to legal disclaimers.
© 2026 NXP B.V. All rights reserved.
Product data sheet
Rev. 7 — 12 February 2026
Document feedback
76 / 123



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com