Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MIMX9331DVVXMAC Arkusz danych(PDF) 29 Page - NXP Semiconductors

Numer części MIMX9331DVVXMAC
Szczegółowy opis  i.MX 93 Applications Processors Data Sheet for Commercial Products
PDF  123 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  NXP [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo NXP - NXP Semiconductors

MIMX9331DVVXMAC Arkusz danych(HTML) 29 Page - NXP Semiconductors

Back Button MIMX9331DVVXMAC Datasheet HTML 25Page - NXP Semiconductors MIMX9331DVVXMAC Datasheet HTML 26Page - NXP Semiconductors MIMX9331DVVXMAC Datasheet HTML 27Page - NXP Semiconductors MIMX9331DVVXMAC Datasheet HTML 28Page - NXP Semiconductors MIMX9331DVVXMAC Datasheet HTML 29Page - NXP Semiconductors MIMX9331DVVXMAC Datasheet HTML 30Page - NXP Semiconductors MIMX9331DVVXMAC Datasheet HTML 31Page - NXP Semiconductors MIMX9331DVVXMAC Datasheet HTML 32Page - NXP Semiconductors MIMX9331DVVXMAC Datasheet HTML 33Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 123 page
background image
Table 27 shows the Low Voltage Differential Signaling (LVDS) DC parameters.
Table 27. LVDS DC Characteristics
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Output
Differential Voltage
VOD
Rload = 100 Ω between Pad P and
Pad N
250
350
450
mV
Output High Voltage
VOH
Rload = 100 Ω between Pad P and
Pad N
1.25
—
1.6
V
Output Low Voltage
VOL
Rload = 100 Ω between Pad P and
Pad N
0.9
—
1.25
V
Offset common
mode Voltage
VCM
—
1.125
1.2
1.375
V
Tri-state I/O
supply current
Icc-ovdd
VIN=OVDD[1] or 0
0.016
1700
nA
Tri-state core
supply current
Icc-vddi
VIN=VDDI or 0
—
1500
Power Supply current
Icc
VIN=OVDD or 0
Rload=100 Ω
—
5
mA
[1] OVDD is the I/O supply voltage.
4.6 I/O AC parameters
This section includes the AC parameters of the following I/O types:
• General Purpose I/O (GPIO)
• LVDS I/O
The GPIO load circuit and output transition time waveforms are shown in Figure 5 and Figure 6.
Test Point
From Output
Under Test
CL
CL includes package, probe and fixture capacitance
Figure 5. Load circuit for output
0V
OVDD
20%
80%
80%
20%
tr
tf
Output (at pad)
Figure 6. Output transition time waveform
NXP Semiconductors
IMX93CEC
i.MX 93 Applications Processors Data Sheet for Commercial Products
IMX93CEC
All information provided in this document is subject to legal disclaimers.
© 2026 NXP B.V. All rights reserved.
Product data sheet
Rev. 7 — 12 February 2026
Document feedback
29 / 123



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com