Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MIMX9331DVVXMAC Arkusz danych(PDF) 91 Page - NXP Semiconductors

Numer części MIMX9331DVVXMAC
Szczegółowy opis  i.MX 93 Applications Processors Data Sheet for Commercial Products
PDF  123 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  NXP [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo NXP - NXP Semiconductors

MIMX9331DVVXMAC Arkusz danych(HTML) 91 Page - NXP Semiconductors

Back Button MIMX9331DVVXMAC Datasheet HTML 87Page - NXP Semiconductors MIMX9331DVVXMAC Datasheet HTML 88Page - NXP Semiconductors MIMX9331DVVXMAC Datasheet HTML 89Page - NXP Semiconductors MIMX9331DVVXMAC Datasheet HTML 90Page - NXP Semiconductors MIMX9331DVVXMAC Datasheet HTML 91Page - NXP Semiconductors MIMX9331DVVXMAC Datasheet HTML 92Page - NXP Semiconductors MIMX9331DVVXMAC Datasheet HTML 93Page - NXP Semiconductors MIMX9331DVVXMAC Datasheet HTML 94Page - NXP Semiconductors MIMX9331DVVXMAC Datasheet HTML 95Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 123 page
background image
Table 102. 11 x 11 mm functional contact assignment ...continued
Ball name
11 x 11
ball
Power group
Ball Types
Default setting
Default
modes
Default function
Status while
reset is
asserted
I2C2_SDA
D21
NVCC_AON
GPIO
Alt5
GPIO1.IO[3]
Input with PD
LVDS_D0_P
B5
VDD_LVDS_1P8
PHY
—
—
—
LVDS_D0_N
A5
VDD_LVDS_1P8
PHY
—
—
—
LVDS_D1_P
B4
VDD_LVDS_1P8
PHY
—
—
—
LVDS_D1_N
A4
VDD_LVDS_1P8
PHY
—
—
—
LVDS_D2_P
B2
VDD_LVDS_1P8
PHY
—
—
—
LVDS_D2_N
A2
VDD_LVDS_1P8
PHY
—
—
—
LVDS_D3_P
C1
VDD_LVDS_1P8
PHY
—
—
—
LVDS_D3_N
B1
VDD_LVDS_1P8
PHY
—
—
—
LVDS_CLK_P
B3
VDD_LVDS_1P8
PHY
—
—
—
LVDS_CLK_N
A3
VDD_LVDS_1P8
PHY
—
—
—
MIPI_CSI1_CLK_N
D10
MIPI_CSI1_VPH
PHY
—
—
—
MIPI_CSI1_CLK_P
E10
MIPI_CSI1_VPH
PHY
—
—
—
MIPI_CSI1_D0_N
A11
MIPI_CSI1_VPH
PHY
—
—
—
MIPI_CSI1_D0_P
B11
MIPI_CSI1_VPH
PHY
—
—
—
MIPI_CSI1_D1_N
A10
MIPI_CSI1_VPH
PHY
—
—
—
MIPI_CSI1_D1_P
B10
MIPI_CSI1_VPH
PHY
—
—
—
MIPI_DSI1_CLK_N
D6
MIPI_DSI1_VPH
PHY
—
—
—
MIPI_DSI1_CLK_P
E6
MIPI_DSI1_VPH
PHY
—
—
—
MIPI_DSI1_D0_N
A6
MIPI_DSI1_VPH
PHY
—
—
—
MIPI_DSI1_D0_P
B6
MIPI_DSI1_VPH
PHY
—
—
—
MIPI_DSI1_D1_N
A7
MIPI_DSI1_VPH
PHY
—
—
—
MIPI_DSI1_D1_P
B7
MIPI_DSI1_VPH
PHY
—
—
—
Table continues on the next page...
NXP Semiconductors
IMX93CEC
i.MX 93 Applications Processors Data Sheet for Commercial Products
IMX93CEC
All information provided in this document is subject to legal disclaimers.
© 2026 NXP B.V. All rights reserved.
Product data sheet
Rev. 7 — 12 February 2026
Document feedback
91 / 123



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com