Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MIMX9331DVVXMAC Arkusz danych(PDF) 30 Page - NXP Semiconductors

Numer części MIMX9331DVVXMAC
Szczegółowy opis  i.MX 93 Applications Processors Data Sheet for Commercial Products
PDF  123 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  NXP [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo NXP - NXP Semiconductors

MIMX9331DVVXMAC Arkusz danych(HTML) 30 Page - NXP Semiconductors

Back Button MIMX9331DVVXMAC Datasheet HTML 26Page - NXP Semiconductors MIMX9331DVVXMAC Datasheet HTML 27Page - NXP Semiconductors MIMX9331DVVXMAC Datasheet HTML 28Page - NXP Semiconductors MIMX9331DVVXMAC Datasheet HTML 29Page - NXP Semiconductors MIMX9331DVVXMAC Datasheet HTML 30Page - NXP Semiconductors MIMX9331DVVXMAC Datasheet HTML 31Page - NXP Semiconductors MIMX9331DVVXMAC Datasheet HTML 32Page - NXP Semiconductors MIMX9331DVVXMAC Datasheet HTML 33Page - NXP Semiconductors MIMX9331DVVXMAC Datasheet HTML 34Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 123 page
background image
4.6.1 General purpose I/O (GPIO) AC parameters
Table 28. General purpose I/O (GPIO) AC parameters
Symbol
Description
Min
Typ
Max
Unit
Condition
tR
TX rise time
3950
—
5950
ps
Slew rate FSEL1 =
11b, Fast Slew Rate
(1.62 V, 1.8 V, 1.98 V),
Drive strength X1
tF
TX fall time
4140
—
5600
ps
Slew rate FSEL1 =
11b, Fast Slew Rate
(1.62 V, 1.8 V, 1.98 V),
Drive strength X1
tR
TX rise time
1890
—
2820
ps
Slew rate FSEL1 =
11b, Fast Slew Rate
(1.62 V, 1.8 V, 1.98 V),
Drive strength X2
tF
TX fall time
1790
—
2560
ps
Slew rate FSEL1 =
11b, Fast Slew Rate
(1.62 V, 1.8 V, 1.98 V),
Drive strength X2
tR
TX rise time
675
—
1950
ps
Slew rate FSEL1 =
11b, Fast Slew Rate
(1.62 V, 1.8 V, 1.98 V),
Drive strength X3
tF
TX fall time
584
—
1730
ps
Slew rate FSEL1 =
11b, Fast Slew Rate
(1.62 V, 1.8 V, 1.98 V),
Drive strength X3
tR
TX rise time
521
—
1320
ps
Slew rate FSEL1 =
11b, Fast Slew Rate
(1.62 V, 1.8 V, 1.98 V),
Drive strength X4
tF
TX fall time
442
—
748
ps
Slew rate FSEL1 =
11b, Fast Slew Rate
(1.62 V, 1.8 V, 1.98 V),
Drive strength X4
tR
TX rise time
454
—
742
ps
Slew rate FSEL1 =
11b, Fast Slew Rate
(1.62 V, 1.8 V, 1.98 V),
Drive strength X5
tF
TX fall time
380
—
554
ps
Slew rate FSEL1 =
11b, Fast Slew Rate
(1.62 V, 1.8 V, 1.98 V),
Drive strength X5
tR
TX rise time
419
—
639
ps
Slew rate FSEL1 =
11b, Fast Slew Rate
Table continues on the next page...
NXP Semiconductors
IMX93CEC
i.MX 93 Applications Processors Data Sheet for Commercial Products
IMX93CEC
All information provided in this document is subject to legal disclaimers.
© 2026 NXP B.V. All rights reserved.
Product data sheet
Rev. 7 — 12 February 2026
Document feedback
30 / 123



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com