Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MIMX9331DVVXMAC Arkusz danych(PDF) 39 Page - NXP Semiconductors

Numer części MIMX9331DVVXMAC
Szczegółowy opis  i.MX 93 Applications Processors Data Sheet for Commercial Products
PDF  123 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  NXP [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo NXP - NXP Semiconductors

MIMX9331DVVXMAC Arkusz danych(HTML) 39 Page - NXP Semiconductors

Back Button MIMX9331DVVXMAC Datasheet HTML 35Page - NXP Semiconductors MIMX9331DVVXMAC Datasheet HTML 36Page - NXP Semiconductors MIMX9331DVVXMAC Datasheet HTML 37Page - NXP Semiconductors MIMX9331DVVXMAC Datasheet HTML 38Page - NXP Semiconductors MIMX9331DVVXMAC Datasheet HTML 39Page - NXP Semiconductors MIMX9331DVVXMAC Datasheet HTML 40Page - NXP Semiconductors MIMX9331DVVXMAC Datasheet HTML 41Page - NXP Semiconductors MIMX9331DVVXMAC Datasheet HTML 42Page - NXP Semiconductors MIMX9331DVVXMAC Datasheet HTML 43Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 123 page
background image
Table 38. MIPI high-speed receiver AC specifications
Symbol
Parameter
Min
Typ
Max
Unit
ΔVCMRX(HF)[1]
Common mode interference beyond 450 MHz
—
—
50
mV
ΔVCMRX(LF)
Common mode interference between 50 and 450 MHz
-25
—
25
mV
CCM
Common mode termination
—
—
60
pF
[1] ΔVCMRX(HF) is the peak amplitude of a sine wave superimposed on the receiver inputs.
4.9.1.3 MIPI LP-TX specifications
Table 39. MIPI low-power transmitter DC specifications
Symbol
Parameter
Min
Typ
Max
Unit
VOH[1]
Thevenin Output High Level
1.1
1.2
1.3
V
VOL
Thevenin Output Low Level
–50
—
50
mV
ZOLP[2]
Output Impedance of Low Power Transmitter
110
—
—
Ω
[1] This specification can only be met when limiting the core supply variation from 1.1 V till 1.3 V.
[2] Although there is no specified maximum for ZOLP, the LP transmitter output impedance ensures the TRLP/TFLP specification is met.
Table 40. MIPI low-power transmitter AC specifications
Symbol
Parameter
Min
Typ
Max
Unit
TRLP/TFLP[1] 15% to 85% Rise Time and Fall Time
—
—
25
ns
TREOT1,[2],[3] 30% to 85% Rise Time and Fall Time
—
—
35
ns
TLP-PULSE-
TX
[4]
Pulse width of the LP exclusive-OR clock: First LP exclusive-OR clock
pulse after Stop state or last pulse before Stop state
40
—
—
ns
Pulse width of the LP exclusive-OR clock: All other pulses
20
—
—
ns
TLP-PER-TX
Period of the LP exclusive-OR clock
90
—
—
ns
δV/
δtSR1,[5],[6],[7]
Slew Rate @ CLOAD= 0 pF
25
—
500
mV/ns
Slew Rate @ CLOAD= 5 pF
25
—
300
mV/ns
Slew Rate @ CLOAD= 20 pF
25
—
250
mV/ns
Slew Rate @ CLOAD= 70 pF
25
—
150
mV/ns
CLOAD
Load Capacitance
0
—
70
pF
[1] CLOAD includes the low equivalent transmission line capacitance. The capacitance of TX and RX are assumed to always be < 10 pF. The distributed line
capacitance can be up to 50 pF for a transmission line with 2 ns delay.
[2] The rise-time of TREOT starts from the HS common-level at the moment of the differential amplitude drops below 70 mV, due to stopping the differential drive.
[3] With an additional load capacitance CCM between 0 to 60 pF on the termination center tap at RX side of the lane.
[4] This parameter value can be lower then TLPX due to differences in rise vs. fall signal slopes and trip levels and mismatches between Dp and Dn LP transmitters.
Any LP exclusive-OR pulse observed during HS EoT (transition from HS level to LP-11) is glitch behavior as described in Low-Power Receiver section.
[5] When the output voltage is between 15% and below 85% of the fully settled LP signal levels.
[6] Measured as average across any 50 mV segment of the output signal transition.
NXP Semiconductors
IMX93CEC
i.MX 93 Applications Processors Data Sheet for Commercial Products
IMX93CEC
All information provided in this document is subject to legal disclaimers.
© 2026 NXP B.V. All rights reserved.
Product data sheet
Rev. 7 — 12 February 2026
Document feedback
39 / 123



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com