Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MIMX9331DVVXMAC Arkusz danych(PDF) 73 Page - NXP Semiconductors

Numer części MIMX9331DVVXMAC
Szczegółowy opis  i.MX 93 Applications Processors Data Sheet for Commercial Products
PDF  123 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  NXP [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo NXP - NXP Semiconductors

MIMX9331DVVXMAC Arkusz danych(HTML) 73 Page - NXP Semiconductors

Back Button MIMX9331DVVXMAC Datasheet HTML 69Page - NXP Semiconductors MIMX9331DVVXMAC Datasheet HTML 70Page - NXP Semiconductors MIMX9331DVVXMAC Datasheet HTML 71Page - NXP Semiconductors MIMX9331DVVXMAC Datasheet HTML 72Page - NXP Semiconductors MIMX9331DVVXMAC Datasheet HTML 73Page - NXP Semiconductors MIMX9331DVVXMAC Datasheet HTML 74Page - NXP Semiconductors MIMX9331DVVXMAC Datasheet HTML 75Page - NXP Semiconductors MIMX9331DVVXMAC Datasheet HTML 76Page - NXP Semiconductors MIMX9331DVVXMAC Datasheet HTML 77Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 123 page
background image
• A2—Memory generates read data on SCK falling edge and generates read strobe on SCK rising edge
Note: In this mode, it is only working under 1.8 V.
Table 79. FlexSPI input timing in SDR mode where FlexSPIn_MCR0[RXCLKSRC] = 0x3 (case A1) (Nominal and
Overdrive mode)
Symbol
Parameter
Min
Max
Unit
—
Frequency of operation
—
200
MHz
TSCKD
Time from SCK to data valid
—
—
ns
TSCKDQS
Time from SCK to DQS
—
—
ns
TSCKD - TSCKDQS
Time delta between TSCKD and TSCKDQS
-0.6
0.6
ns
Table 80. FlexSPI input timing in SDR mode where FlexSPI
n_MCR0[RXCLKSRC] = 0x3 (case A1) (Low drive mode)
Symbol
Parameter
Min
Max
Unit
—
Frequency of operation
—
133
MHz
TSCKD
Time from SCK to data valid
—
—
ns
TSCKDQS
Time from SCK to DQS
—
—
ns
TSCKD - TSCKDQS
Time delta between TSCKD and TSCKDQS
-2
2
ns
TSCKD
TSCKDQS
FLEXSPI_SCLK
FLEXSPI_DATA[7:0]
FLEXSPI_DQS
TSCKD
TSCKDQS
Figure 44. FlexSPI input timing in SDR mode where FlexSPIn_MCR0[RXCLKSRC] = 0X3 (case A1)
Note: Timing shown is based on the memory generating read data and read strobe on the SCK rising edge. The FlexSPI controller
samples read data on the DQS falling edge.
Table 81. FlexSPI input timing in SDR mode where FlexSPIn_MCR0[RXCLKSRC] = 0x3 (case A2) (Nominal and
Overdrive mode)
Symbol
Parameter
Value
Unit
Min
Max
—
Frequency of operation
—
200
MHz
TSCKD
Time from SCK to data valid
—
—
ns
TSCKDQS
Time from SCK to DQS
—
—
ns
TSCKD - TSCKDQS
Time delta between TSCKD and TSCKDQS
-0.6
0.6
ns
NXP Semiconductors
IMX93CEC
i.MX 93 Applications Processors Data Sheet for Commercial Products
IMX93CEC
All information provided in this document is subject to legal disclaimers.
© 2026 NXP B.V. All rights reserved.
Product data sheet
Rev. 7 — 12 February 2026
Document feedback
73 / 123



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com