Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MIMX9331DVVXMAC Arkusz danych(PDF) 48 Page - NXP Semiconductors

Numer części MIMX9331DVVXMAC
Szczegółowy opis  i.MX 93 Applications Processors Data Sheet for Commercial Products
PDF  123 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  NXP [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo NXP - NXP Semiconductors

MIMX9331DVVXMAC Arkusz danych(HTML) 48 Page - NXP Semiconductors

Back Button MIMX9331DVVXMAC Datasheet HTML 44Page - NXP Semiconductors MIMX9331DVVXMAC Datasheet HTML 45Page - NXP Semiconductors MIMX9331DVVXMAC Datasheet HTML 46Page - NXP Semiconductors MIMX9331DVVXMAC Datasheet HTML 47Page - NXP Semiconductors MIMX9331DVVXMAC Datasheet HTML 48Page - NXP Semiconductors MIMX9331DVVXMAC Datasheet HTML 49Page - NXP Semiconductors MIMX9331DVVXMAC Datasheet HTML 50Page - NXP Semiconductors MIMX9331DVVXMAC Datasheet HTML 51Page - NXP Semiconductors MIMX9331DVVXMAC Datasheet HTML 52Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 123 page
background image
[8] ENOB can be lower than shown, if an ADC channel corrupts other ADC channels through capacitive coupling. This coupling may be dominated by board parasitics.
Care must be taken not to corrupt the desired channel being measured. This coupling becomes worse at higher analog frequencies and with switching waveforms
due to the harmonic content.
Figure 20. Sample time vs RAS
4.11.2 12-bit ADC input impedance equivalent circuit diagram
There is an additional RIOMUX of 350 Ω (from 295 Ω to 405 Ω) resistance if an input goes through the MUX inside the IO and CP
of 2.5 pF as shown in Figure 21.
To calculate the sample request time, using the following equation where RADCtotal = RADIN + RIOMUX, RIOMUX = 350 Ω, CP = 2.5
pF and B = 11 for 1/4 LSB settling.
Tsmp_req = B [RAS (CAS + CP + CADIN) + (RAS + RADCtotal) CADIN]
NXP Semiconductors
IMX93CEC
i.MX 93 Applications Processors Data Sheet for Commercial Products
IMX93CEC
All information provided in this document is subject to legal disclaimers.
© 2026 NXP B.V. All rights reserved.
Product data sheet
Rev. 7 — 12 February 2026
Document feedback
48 / 123



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com