Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MIMX9331DVVXMAC Arkusz danych(PDF) 37 Page - NXP Semiconductors

Numer części MIMX9331DVVXMAC
Szczegółowy opis  i.MX 93 Applications Processors Data Sheet for Commercial Products
PDF  123 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  NXP [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo NXP - NXP Semiconductors

MIMX9331DVVXMAC Arkusz danych(HTML) 37 Page - NXP Semiconductors

Back Button MIMX9331DVVXMAC Datasheet HTML 33Page - NXP Semiconductors MIMX9331DVVXMAC Datasheet HTML 34Page - NXP Semiconductors MIMX9331DVVXMAC Datasheet HTML 35Page - NXP Semiconductors MIMX9331DVVXMAC Datasheet HTML 36Page - NXP Semiconductors MIMX9331DVVXMAC Datasheet HTML 37Page - NXP Semiconductors MIMX9331DVVXMAC Datasheet HTML 38Page - NXP Semiconductors MIMX9331DVVXMAC Datasheet HTML 39Page - NXP Semiconductors MIMX9331DVVXMAC Datasheet HTML 40Page - NXP Semiconductors MIMX9331DVVXMAC Datasheet HTML 41Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 123 page
background image
Timing diagrams and tolerances required to work with these memories are specified in the respective documents and are not
reprinted here.
Meeting the necessary timing requirements for a DDR memory system is highly dependent on the components chosen and
the design layout of the system as a whole. NXP cannot cover in this document all the requirements needed to achieve a
design that meets full system performance over temperature, voltage, and part variation; PCB trace routing, PCB dielectric
material, number of routing layers used, placement of bulk/decoupling capacitors on critical power rails, VIA placement, GND
and Supply planes layout, and DDR controller/PHY register settings all are factors affecting the performance of the memory
system. Consult the hardware user guide for this device and NXP validated design layouts for information on how to properly
design a PCB for best DDR performance. NXP strongly recommends duplicating an NXP validated design as much as possible
in the design of critical power rails, placement of bulk/decoupling capacitors and DDR trace routing between the processor and
the selected DDR memory. All supporting material is readily available on the device web page on https://www.nxp.com/products/
processors-and-microcontrollers/arm-processors/i-mx-applications-processors/i-mx-9-processors:IMX9-PROCESSORS.
Processors that demonstrate full DDR performance on NXP validated designs, but do not function on customer designs, are
not considered marginal parts. A report detailing how the returned part behaved on an NXP validated system will be provided
to the customer as closure to a customer’s reported DDR issue. Customers bear the responsibility of properly designing the
Printed Circuit Board, correctly simulating and modeling the designed DDR system, and validating the system under all expected
operating conditions (temperatures, voltages) prior to releasing their product to market.
Table 34. i.MX 93 DRAM controller supported SDRAM configurations
Parameter
LPDDR4/LPDDR4X
Number of Controllers
1
Number of Channels
1
Number of Chip Selects
2
Bus Width
16-bit
Maximum supported data rate
• Low drive mode
1866 MT/s
• Nominal drive mode
2880 MT/s
• Overdrive mode
3733 MT/s[1]
[1] For 9 x 9 mm package, the maximum date rate of LPDDR4x/LPDDR4 is 3200 MT/s.
4.8.5.1 Clock/data/command/address pin allocations
These processors uses generic names for clock, data, and command address bus; see Table 107 for details about mapping of
clock, data, and command address signals of LPDDR4/LPDDR4X modes.
4.9 Display and graphics
The following sections provide information on display and graphic interfaces.
4.9.1 MIPI D-PHY electrical characteristics
NXP Semiconductors
IMX93CEC
i.MX 93 Applications Processors Data Sheet for Commercial Products
IMX93CEC
All information provided in this document is subject to legal disclaimers.
© 2026 NXP B.V. All rights reserved.
Product data sheet
Rev. 7 — 12 February 2026
Document feedback
37 / 123



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com