Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MIMX9331DVVXMAC Arkusz danych(PDF) 32 Page - NXP Semiconductors

Numer części MIMX9331DVVXMAC
Szczegółowy opis  i.MX 93 Applications Processors Data Sheet for Commercial Products
PDF  123 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  NXP [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo NXP - NXP Semiconductors

MIMX9331DVVXMAC Arkusz danych(HTML) 32 Page - NXP Semiconductors

Back Button MIMX9331DVVXMAC Datasheet HTML 28Page - NXP Semiconductors MIMX9331DVVXMAC Datasheet HTML 29Page - NXP Semiconductors MIMX9331DVVXMAC Datasheet HTML 30Page - NXP Semiconductors MIMX9331DVVXMAC Datasheet HTML 31Page - NXP Semiconductors MIMX9331DVVXMAC Datasheet HTML 32Page - NXP Semiconductors MIMX9331DVVXMAC Datasheet HTML 33Page - NXP Semiconductors MIMX9331DVVXMAC Datasheet HTML 34Page - NXP Semiconductors MIMX9331DVVXMAC Datasheet HTML 35Page - NXP Semiconductors MIMX9331DVVXMAC Datasheet HTML 36Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 123 page
background image
4.6.3 LVDS AC Parameters
The differential output transition time waveform is shown in Figure 7.
Voh
Padp
Channel A Vod = Pad P - Pad N
Vol
80%
20%
0 V
0 V (differential)
Padn
80%
20%
tTHL
0 V
0 V (differential)
tskew
tskew
Channel B Vod = Pad P - Pad N
VOSPP
Channel A output common mode voltage (Vcm)
tTLH
Figure 7. Output transition time waveform
Table 29 shows the AC parameters of LVDS.
Table 29. LVDS AC parameters
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Lane skew[1]
tSKew
Rload = 100 Ω
Cload = 2 pF
—
0.25[2]
—
ns
Transition Low to High time[3]
tTLH
—
—
0.3
Unit
Interval
(UI)[4]
Transition High to Low time
tTHL
—
—
0.3
Operating data rate[5]
f
—
—
—
560
Mbps
Offset peak to peak voltage imbalance
Vospp
—
—
—
150
mV
Tri-state I/O supply current
Icc-ovdd
VIN=OVDD or 0
0.016
—
1700
nA
Tri-state core supply current
Icc-vddi
VIN=VDDI or 0
—
—
1500
Power Supply current
Icc
VIN=OVDD or 0
Rload=100 Ω
—
—
5
mA
[1] tSKew is the differential time at Vod = 0 voltage between different channel.
[2] This is typical maximum absolute delay between any two channels.
[3] Measurement levels are 20–80% from output voltage.
NXP Semiconductors
IMX93CEC
i.MX 93 Applications Processors Data Sheet for Commercial Products
IMX93CEC
All information provided in this document is subject to legal disclaimers.
© 2026 NXP B.V. All rights reserved.
Product data sheet
Rev. 7 — 12 February 2026
Document feedback
32 / 123



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com