Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MIMX9331DVVXMAC Arkusz danych(PDF) 60 Page - NXP Semiconductors

Numer części MIMX9331DVVXMAC
Szczegółowy opis  i.MX 93 Applications Processors Data Sheet for Commercial Products
PDF  123 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  NXP [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo NXP - NXP Semiconductors

MIMX9331DVVXMAC Arkusz danych(HTML) 60 Page - NXP Semiconductors

Back Button MIMX9331DVVXMAC Datasheet HTML 56Page - NXP Semiconductors MIMX9331DVVXMAC Datasheet HTML 57Page - NXP Semiconductors MIMX9331DVVXMAC Datasheet HTML 58Page - NXP Semiconductors MIMX9331DVVXMAC Datasheet HTML 59Page - NXP Semiconductors MIMX9331DVVXMAC Datasheet HTML 60Page - NXP Semiconductors MIMX9331DVVXMAC Datasheet HTML 61Page - NXP Semiconductors MIMX9331DVVXMAC Datasheet HTML 62Page - NXP Semiconductors MIMX9331DVVXMAC Datasheet HTML 63Page - NXP Semiconductors MIMX9331DVVXMAC Datasheet HTML 64Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 123 page
background image
Table 64. RGMII signal switching specifications[1],[2],[3],[4]
Symbol
Description
Min.
Max.
Unit
Tcyc
Clock cycle duration
7.2
8.8
ns
TskewT
Data to clock output skew at transmitter
-500
500
ps
TskewR
Data to clock input skew at receiver
1
2.6
ns
Duty_G
Duty cycle for Gigabit
45
55
%
Duty_T
Duty cycle for 10/100T
40
60
%
[1] The timings assume the following configuration: DSE[5:0] = 001111 and FSEL1[1:0] = 11.
[2] Measured as defined in
EIA/JESD 8-6 1995 with a timing threshold voltage of VDDQ/2.
[3] Output timing valid for maximum external load CL = 15 pF, which is assumed to be a 8 pF load at the end of a 50 ohm, unterminated, 2-inch microstrip trace on
standard FR4 (3.3 pF/inch). For best signal integrity, the series resistance in the transmission line should be matched closely to the selected RDSON of the I/O
pad output driver.
[4] RGMII timing specifications are only valid for 1.8 V nominal I/O pad supply voltage.
RGMII_TXC (at transmitter)
RGMII_TXDn (n = 0 to 3 )
RGMII_TX_CTL
RGMII_TXC (at receiver)
TskewT
TXEN
TXERR
TskewR
Figure 29. RGMII transmit signal timing diagram original
RGMII_RXC (at transmitter)
RGMII_RXDn (n = 0 to 3 )
RGMII_RX_CTL
RGMII_RXC (at receiver)
TskewT
RXDV
RXERR
TskewR
Figure 30. RGMII receive signal timing diagram original
4.12.3 Ethernet Quality-of-Service (QOS) electrical specifications
Ethernet QOS supports the following Time Sensitive Networking (TSN) features:
• 802.1Qbv Enhancements to Scheduling Traffic
NXP Semiconductors
IMX93CEC
i.MX 93 Applications Processors Data Sheet for Commercial Products
IMX93CEC
All information provided in this document is subject to legal disclaimers.
© 2026 NXP B.V. All rights reserved.
Product data sheet
Rev. 7 — 12 February 2026
Document feedback
60 / 123



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com