Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MIMX9331DVVXMAC Arkusz danych(PDF) 96 Page - NXP Semiconductors

Numer części MIMX9331DVVXMAC
Szczegółowy opis  i.MX 93 Applications Processors Data Sheet for Commercial Products
PDF  123 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  NXP [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo NXP - NXP Semiconductors

MIMX9331DVVXMAC Arkusz danych(HTML) 96 Page - NXP Semiconductors

Back Button MIMX9331DVVXMAC Datasheet HTML 92Page - NXP Semiconductors MIMX9331DVVXMAC Datasheet HTML 93Page - NXP Semiconductors MIMX9331DVVXMAC Datasheet HTML 94Page - NXP Semiconductors MIMX9331DVVXMAC Datasheet HTML 95Page - NXP Semiconductors MIMX9331DVVXMAC Datasheet HTML 96Page - NXP Semiconductors MIMX9331DVVXMAC Datasheet HTML 97Page - NXP Semiconductors MIMX9331DVVXMAC Datasheet HTML 98Page - NXP Semiconductors MIMX9331DVVXMAC Datasheet HTML 99Page - NXP Semiconductors MIMX9331DVVXMAC Datasheet HTML 100Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 123 page
background image
Table 103. 11 x 11 mm, 0.5 mm pitch, ball map
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
A
VSS LVD
S_D2
_N
LVD
S_CL
K_N
LVD
S_D1
_N
LVD
S_D0
_N
MIPI
_DSI
1_D0
_N
MIPI
_DSI
1_D1
_N
MIPI
_DSI
1_D2
_N
MIPI
_DSI
1_D3
_N
MIPI
_CSI
1_D1
_N
MIPI
_CSI
1_D0
_N
NC_
A12
NC_
A13
USB
1_D_
N
USB
2_D_
N
POR
_B
PMIC
_ON_
REQ
CLKI
N2
ONO
FF
ADC
_IN1
VSS
A
B
LVD
S_D3
_N
LVD
S_D2
_P
LVD
S_CL
K_P
LVD
S_D1
_P
LVD
S_D0
_P
MIPI
_DSI
1_D0
_P
MIPI
_DSI
1_D1
_P
MIPI
_DSI
1_D2
_P
MIPI
_DSI
1_D3
_P
MIPI
_CSI
1_D1
_P
MIPI
_CSI
1_D0
_P
NC_
B12
NC_
B13
USB
1_D_
P
USB
2_D_
P
TAM
PER
0
CLKI
N1
PMIC
_STB
Y_R
EQ
ADC
_IN0
ADC
_IN2
ADC
_IN3
B
C
LVD
S_D3
_P
VSS
VSS
VSS
VSS
VSS USB
1_ID
VSS
VSS
VSS
VSS
I2C1
_SCL
I2C1
_SD
A
C
D
DRA
M_C
A5_A
DRA
M_R
ESE
T_N
DRA
M_M
TES
T1
MIPI
_DSI
1_CL
K_N
MIPI
_RE
XT
MIPI
_CSI
1_CL
K_N
USB
1_TX
RTU
NE
USB
2_TX
RTU
NE
RXC
_XTA
LO
XTAL
I_24
M
I2C2
_SCL
I2C2
_SD
A
D
E
DRA
M_C
A3_A
DRA
M_C
A4_A
VSS DRA
M_Z
Q
MIPI
_DSI
1_CL
K_P
VDD
_US
B_1P
8
MIPI
_CSI
1_CL
K_P
USB
2_ID
USB
2_VB
US
RTC
_XTA
LI
XTAL
O_24
M
VSS UAR
T1_R
XD
UAR
T1_T
XD
E
F
DRA
M_C
S0_A
DRA
M_C
A2_A
VDD
_LVD
S_1P
8
VDD
_MIP
I_1P
8
VDD
_US
B_0P
8
USB
1_VB
US
TAM
PER
1
VDD
_AN
A0_1
P8
UAR
T2_R
XD
UAR
T2_T
XD
F
G
DRA
M_C
A1_A
DRA
M_C
S1_A
VSS DRA
M_C
K_T_
A
DRA
M_C
K_C_
A
VDD
Q_D
DR
VDD
_MIP
I_0P
8
VDD
_US
B_3P
3
NVC
C_B
BSM
_1P8
VDD
_BBS
M_0
P8_C
AP
VDD
_AN
A0_1
P8
PDM
_CLK
PDM
_BIT
_STR
EAM
1
VSS SAI1
_TXC
SAI1
_TXF
G
Table continues on the next page...
NXP Semiconductors
IMX93CEC
i.MX 93 Applications Processors Data Sheet for Commercial Products
IMX93CEC
All information provided in this document is subject to legal disclaimers.
© 2026 NXP B.V. All rights reserved.
Product data sheet
Rev. 7 — 12 February 2026
Document feedback
96 / 123



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com