Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MIMX9331DVVXMAC Arkusz danych(PDF) 2 Page - NXP Semiconductors

Numer części MIMX9331DVVXMAC
Szczegółowy opis  i.MX 93 Applications Processors Data Sheet for Commercial Products
PDF  123 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  NXP [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo NXP - NXP Semiconductors

MIMX9331DVVXMAC Arkusz danych(HTML) 2 Page - NXP Semiconductors

  MIMX9331DVVXMAC Datasheet HTML 1Page - NXP Semiconductors MIMX9331DVVXMAC Datasheet HTML 2Page - NXP Semiconductors MIMX9331DVVXMAC Datasheet HTML 3Page - NXP Semiconductors MIMX9331DVVXMAC Datasheet HTML 4Page - NXP Semiconductors MIMX9331DVVXMAC Datasheet HTML 5Page - NXP Semiconductors MIMX9331DVVXMAC Datasheet HTML 6Page - NXP Semiconductors MIMX9331DVVXMAC Datasheet HTML 7Page - NXP Semiconductors MIMX9331DVVXMAC Datasheet HTML 8Page - NXP Semiconductors MIMX9331DVVXMAC Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 123 page
background image
1 i.MX 93 introduction
The i.MX 93 family represents NXP’s latest power-optimized processors for smart home, building control, contactless HMI, IoT
edge, Automotive, and Industrial applications.
The i.MX 93 includes powerful dual Arm® Cortex®-A55 processors with speeds up to 1.7 GHz integrated with a NPU that
accelerates machine learning inference. A general-purpose Arm® Cortex®-M33 running up to 250 MHz is for real-time and
low-power processing. Robust control networks are possible via CAN-FD interface. Also, dual 1 Gbps Ethernet controllers, one
supporting Time Sensitive Networking (TSN), drive gateway applications with low latency.
The i.MX 93 Commercial qualified part is particularly useful for applications such as:
• Home automation
• Smart home hub/hue bridge
• Audio sounder-bar
• Smart doorbell
• Smart lock
• Smart thermostat
• Smart docking station
Table 1. Features
Subsystem
Features
Cortex®-A55 MPCore platform
Two Cortex®-A55 processors operating up to 1.7 GHz
• 32 KB L1 Instruction Cache
• 32 KB L1 Data Cache
• 64 KB per-core L2 cache
• Media Processing Engine (MPE) with Arm® Neon™ technology supporting the
Advanced Single Instruction Multiple Data architecture
• Floating Point Unit (FPU) with support of the Arm® VFPv4-D16 architecture
Supports of 64-bit Arm® v8.2-A architecture
256 KB cluster L3 cache
Parity/ECC protection on L1 cache, L2 cache, and TLB RAMs
Cortex®-M33 core platform
• Stand by monitoring with Cortex®-A55 and other high-power modules
power gated
Cortex®-M33 CPU operating up to 250 MHz
• Supports FPU
• Supports MPU
• Supports NVIC
• Supports FPB
• Supports DWT and ITM
Table continues on the next page...
NXP Semiconductors
IMX93CEC
i.MX 93 Applications Processors Data Sheet for Commercial Products
IMX93CEC
All information provided in this document is subject to legal disclaimers.
© 2026 NXP B.V. All rights reserved.
Product data sheet
Rev. 7 — 12 February 2026
Document feedback
2 / 123



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com