Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MIMX9331DVVXMAC Arkusz danych(PDF) 27 Page - NXP Semiconductors

Numer części MIMX9331DVVXMAC
Szczegółowy opis  i.MX 93 Applications Processors Data Sheet for Commercial Products
PDF  123 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  NXP [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo NXP - NXP Semiconductors

MIMX9331DVVXMAC Arkusz danych(HTML) 27 Page - NXP Semiconductors

Back Button MIMX9331DVVXMAC Datasheet HTML 23Page - NXP Semiconductors MIMX9331DVVXMAC Datasheet HTML 24Page - NXP Semiconductors MIMX9331DVVXMAC Datasheet HTML 25Page - NXP Semiconductors MIMX9331DVVXMAC Datasheet HTML 26Page - NXP Semiconductors MIMX9331DVVXMAC Datasheet HTML 27Page - NXP Semiconductors MIMX9331DVVXMAC Datasheet HTML 28Page - NXP Semiconductors MIMX9331DVVXMAC Datasheet HTML 29Page - NXP Semiconductors MIMX9331DVVXMAC Datasheet HTML 30Page - NXP Semiconductors MIMX9331DVVXMAC Datasheet HTML 31Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 123 page
background image
4.4 PLL electrical characteristics
Table 24 shows the PLL electrical parameters.
Table 24. PLL electrical parameters
PLL type
Parameter
Value
AUDIO_PLL1
Clock output range
Up to 650 MHz
Reference clock
24 MHz
Lock time
50 µs
Jitter
±1% of output period, ≥ 50 ps
VIDEO_PLL1
Clock output range
Up to 594 MHz
Reference clock
24 MHz
Lock time
50 µs
SYS_PLL1
Clock output range
312.5 MHz — 1 GHz
Reference clock
24 MHz
Lock time
70 µs
ARM_PLL
Clock output range
800 MHz — 1700 MHz
Reference clock
24 MHz
Lock time
70 µs
DRAM_PLL1
Clock output range
400 MHz — 1000 MHz
Reference clock
24 MHz
Lock time
50 µs
4.5 I/O DC parameters
This section includes the DC parameters of the following I/O types:
• General Purpose I/O (GPIO)
• Double Data Rate I/O (DDR) for LPDDR4 and LPDDR4X modes
• LVDS I/O
4.5.1 General purpose I/O (GPIO) DC parameters
Table 25 shows DC parameters for GPIO pads. The parameters Table 25 are guaranteed per the operating ranges in Table 13,
unless otherwise noted.
NXP Semiconductors
IMX93CEC
i.MX 93 Applications Processors Data Sheet for Commercial Products
IMX93CEC
All information provided in this document is subject to legal disclaimers.
© 2026 NXP B.V. All rights reserved.
Product data sheet
Rev. 7 — 12 February 2026
Document feedback
27 / 123



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com