Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MIMX9331DVVXMAC Arkusz danych(PDF) 31 Page - NXP Semiconductors

Numer części MIMX9331DVVXMAC
Szczegółowy opis  i.MX 93 Applications Processors Data Sheet for Commercial Products
PDF  123 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  NXP [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo NXP - NXP Semiconductors

MIMX9331DVVXMAC Arkusz danych(HTML) 31 Page - NXP Semiconductors

Back Button MIMX9331DVVXMAC Datasheet HTML 27Page - NXP Semiconductors MIMX9331DVVXMAC Datasheet HTML 28Page - NXP Semiconductors MIMX9331DVVXMAC Datasheet HTML 29Page - NXP Semiconductors MIMX9331DVVXMAC Datasheet HTML 30Page - NXP Semiconductors MIMX9331DVVXMAC Datasheet HTML 31Page - NXP Semiconductors MIMX9331DVVXMAC Datasheet HTML 32Page - NXP Semiconductors MIMX9331DVVXMAC Datasheet HTML 33Page - NXP Semiconductors MIMX9331DVVXMAC Datasheet HTML 34Page - NXP Semiconductors MIMX9331DVVXMAC Datasheet HTML 35Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 123 page
background image
Table 28. General purpose I/O (GPIO) AC parameters...continued
Symbol
Description
Min
Typ
Max
Unit
Condition
(1.62 V, 1.8 V, 1.98 V),
Drive strength X6
tF
TX fall time
349
—
506
ps
Slew rate FSEL1 =
11b, Fast Slew Rate
(1.62 V, 1.8 V, 1.98 V),
Drive strength X6
tR
TX rise time
4030
—
5790
ps
Slew rate FSEL1 =
11b, Fast Slew Rate
(3 V, 3.3 V, 3.465 V),
Drive strength X1
tF
TX fall time
4410
—
6290
ps
Slew rate FSEL1 =
11b, Fast Slew Rate
(3 V, 3.3 V, 3.465 V),
Drive strength X1
tR
TX rise time
1870
—
2950
ps
Slew rate FSEL1 =
11b, Fast Slew Rate
(1.62 V, 1.8 V, 1.98 V),
Drive strength X2
tF
TX fall time
1900
—
3310
ps
Slew rate FSEL1 =
11b, Fast Slew Rate
(3 V, 3.3 V, 3.465 V),
Drive strength X2
tR
TX rise time
774
—
1930
ps
Slew rate FSEL1 =
11b, Fast Slew Rate
(3 V, 3.3 V, 3.465 V),
Drive strength X3
tF
TX fall time
719
—
2070
ps
Slew rate FSEL1 =
11b, Fast Slew Rate
(3 V, 3.3 V, 3.465 V),
Drive strength X3
tR
TX rise time
598
—
1360
ps
Slew rate FSEL1 =
11b, Fast Slew Rate
(3 V, 3.3 V, 3.465 V),
Drive strength X4
tF
TX fall time
490
—
1590
ps
Slew rate FSEL1 =
11b, Fast Slew Rate
(3 V, 3.3 V, 3.465 V),
Drive strength X4
4.6.2 DDR I/O AC electrical characteristics
The DDR I/O pads support LPDDR4/LPDDR4X operational modes. The DDRC is compliant with JEDEC-compliant SDRAMs.
DDRC operation is contingent upon the board’s DDR design adherence to the DDR design and layout requirements stated in the
hardware development guide for the i.MX 93 application processor.
NXP Semiconductors
IMX93CEC
i.MX 93 Applications Processors Data Sheet for Commercial Products
IMX93CEC
All information provided in this document is subject to legal disclaimers.
© 2026 NXP B.V. All rights reserved.
Product data sheet
Rev. 7 — 12 February 2026
Document feedback
31 / 123



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com