Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MIMX9331DVVXMAC Arkusz danych(PDF) 6 Page - NXP Semiconductors

Numer części MIMX9331DVVXMAC
Szczegółowy opis  i.MX 93 Applications Processors Data Sheet for Commercial Products
PDF  123 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  NXP [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo NXP - NXP Semiconductors

MIMX9331DVVXMAC Arkusz danych(HTML) 6 Page - NXP Semiconductors

Back Button MIMX9331DVVXMAC Datasheet HTML 2Page - NXP Semiconductors MIMX9331DVVXMAC Datasheet HTML 3Page - NXP Semiconductors MIMX9331DVVXMAC Datasheet HTML 4Page - NXP Semiconductors MIMX9331DVVXMAC Datasheet HTML 5Page - NXP Semiconductors MIMX9331DVVXMAC Datasheet HTML 6Page - NXP Semiconductors MIMX9331DVVXMAC Datasheet HTML 7Page - NXP Semiconductors MIMX9331DVVXMAC Datasheet HTML 8Page - NXP Semiconductors MIMX9331DVVXMAC Datasheet HTML 9Page - NXP Semiconductors MIMX9331DVVXMAC Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 123 page
background image
Table 1. Features ...continued
Subsystem
Features
Cross Triggering Interface (CTI)
Support for 4-pin (JTAG) debug interface and SWD
1.1 Ordering information
Table 2 provides examples of orderable part numbers covered by this Data Sheet.
Table 2. Ordering information
Part number
Part
differen
tiator
Number
of Cores
(A55)
Max
speed NPU
GDET
Camera
Display
Connecti
vity
Audio DDR
Packag
e
MIMX9352D
VVXMAB
MIMX9352D
VVXMAC
5
2
1.7
GHz
NPU Disable
d
• 2-lane
1080p30
MIPI CSI
• Parallel
camera
• 4-lane
1080p6
0 MIPI
DSI
• 4-lane
LVDS
• Parallel
display
• 2x
GbE
• 2x
USB
2.0
7x I2S
TDM
3.7
GT/s
11 x 11
mm,
0.5 mm
pitch
MIMX9351D
VVXMAB
MIMX9351D
VVXMAC
5
1
1.7
GHz
NPU Disable
d
• 2-lane
1080p30
MIPI CSI
• Parallel
camera
• 4-lane
1080p6
0 MIPI
DSI
• 4-lane
LVDS
• Parallel
display
• 2x
GbE
• 2x
USB
2.0
7x I2S
TDM
3.7
GT/s
11 x 11
mm,
0.5 mm
pitch
MIMX9332D
VVXMAB
MIMX9332D
VVXMAC
3
2
1.7
GHz
—
Disable
d
• 2-lane
1080p30
MIPI CSI
• Parallel
camera
• 4-lane
1080p6
0 MIPI
DSI
• 4-lane
LVDS
• Parallel
display
• 2x
GbE
• 2x
USB
2.0
7x I2S
TDM
3.7
GT/s
11 x 11
mm,
0.5 mm
pitch
MIMX9331D
VVXMAB
MIMX9331D
VVXMAC
3
1
1.7
GHz
—
Disable
d
• 2-lane
1080p30
MIPI CSI
• Parallel
camera
• 4-lane
1080p6
0 MIPI
DSI
• 2x
GbE
• 2x
USB
2.0
7x I2S
TDM
3.7
GT/s
11 x 11
mm,
0.5 mm
pitch
Table continues on the next page...
NXP Semiconductors
IMX93CEC
i.MX 93 Applications Processors Data Sheet for Commercial Products
IMX93CEC
All information provided in this document is subject to legal disclaimers.
© 2026 NXP B.V. All rights reserved.
Product data sheet
Rev. 7 — 12 February 2026
Document feedback
6 / 123



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com