Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MIMX9331DVVXMAC Arkusz danych(PDF) 47 Page - NXP Semiconductors

Numer części MIMX9331DVVXMAC
Szczegółowy opis  i.MX 93 Applications Processors Data Sheet for Commercial Products
PDF  123 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  NXP [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo NXP - NXP Semiconductors

MIMX9331DVVXMAC Arkusz danych(HTML) 47 Page - NXP Semiconductors

Back Button MIMX9331DVVXMAC Datasheet HTML 43Page - NXP Semiconductors MIMX9331DVVXMAC Datasheet HTML 44Page - NXP Semiconductors MIMX9331DVVXMAC Datasheet HTML 45Page - NXP Semiconductors MIMX9331DVVXMAC Datasheet HTML 46Page - NXP Semiconductors MIMX9331DVVXMAC Datasheet HTML 47Page - NXP Semiconductors MIMX9331DVVXMAC Datasheet HTML 48Page - NXP Semiconductors MIMX9331DVVXMAC Datasheet HTML 49Page - NXP Semiconductors MIMX9331DVVXMAC Datasheet HTML 50Page - NXP Semiconductors MIMX9331DVVXMAC Datasheet HTML 51Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 123 page
background image
Table 52. ADC electrical specifications
Symbol
Description
Min
Typ
Max
Unit
Notes
VADIN
Input voltage
VGND
—
VDDA
V
[1]
fAD_CK
ADC clock frequency
20
—
80
MHz
—
Csample
Sample cycles
5.5
—
—
Cycle
—
Ccompare
Fixed compare cycles
—
58
—
Cycle
—
Cconversion
Conversion cycles
Cconversion = Csample + Ccompare
Cycle
—
CAD_INPUT
ADC input capacitance
—
—
7
pF
[2]
RAD_INPUT
ADC input series resistance
—
—
1.25
KΩ
—
DNL
ADC differential nonlinearity
—
±2
—
LSB
[3]
INL
ADC integral nonlinearity
—
±6
—
LSB
[3]
RAS
Analog source resistance
—
—
5
KΩ
—
Bandgap
Output voltage ready time
for bandgap
—
1
—
µs
[4]
ENOB
Effective number of bits:
Single-ended mode (11 x 11
mm package, PWM)
—
9.8
—
bit
[5],[6],[7],[8]
Effective number of bits:
Single-ended mode (11 x 11
mm package, PFM)
—
9.4
—
Effective number of bits:
Single-ended mode (9 x 9 mm
package, PWM)
—
9.2
—
Effective number of bits:
Single-ended mode (9 x 9 mm
package, PFM)
—
8.5
—
Effective number of bits:
Single-ended mode (14 x 14
mm package, PWM)
—
10.5
—
Effective number of bits:
Single-ended mode (14 x 14
mm package, PFM)
—
10.1
—
[1] On or off channels
[2] ADC component plus pad capacitance (~ 2 pF)
[3] After calibration
[4] Based on simulation test
[5] Noise on the ADC reference voltage (VDD_ANA1P8) will result in performance loss of the ADC proportional to the noise present.
[6] Input data used for test is 1 kHz sine wave.
[7] Measured at VREFH = 1.8 V and pwrsel = 2.
NXP Semiconductors
IMX93CEC
i.MX 93 Applications Processors Data Sheet for Commercial Products
IMX93CEC
All information provided in this document is subject to legal disclaimers.
© 2026 NXP B.V. All rights reserved.
Product data sheet
Rev. 7 — 12 February 2026
Document feedback
47 / 123



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com