Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MIMX9331DVVXMAC Arkusz danych(PDF) 71 Page - NXP Semiconductors

Numer części MIMX9331DVVXMAC
Szczegółowy opis  i.MX 93 Applications Processors Data Sheet for Commercial Products
PDF  123 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  NXP [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo NXP - NXP Semiconductors

MIMX9331DVVXMAC Arkusz danych(HTML) 71 Page - NXP Semiconductors

Back Button MIMX9331DVVXMAC Datasheet HTML 67Page - NXP Semiconductors MIMX9331DVVXMAC Datasheet HTML 68Page - NXP Semiconductors MIMX9331DVVXMAC Datasheet HTML 69Page - NXP Semiconductors MIMX9331DVVXMAC Datasheet HTML 70Page - NXP Semiconductors MIMX9331DVVXMAC Datasheet HTML 71Page - NXP Semiconductors MIMX9331DVVXMAC Datasheet HTML 72Page - NXP Semiconductors MIMX9331DVVXMAC Datasheet HTML 73Page - NXP Semiconductors MIMX9331DVVXMAC Datasheet HTML 74Page - NXP Semiconductors MIMX9331DVVXMAC Datasheet HTML 75Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 123 page
background image
TPM_CHn
P1
P2
Figure 42. TPM timing
Table 74. TPM output timing parameters
ID
Parameter
Min
Max
Unit
PWM Module Clock Frequency
0
83.3
MHz
P1
PWM output pulse width high
12
—
ns
P2
PWM output pulse width low
12
—
ns
4.12.9 FlexSPI timing parameters
The FlexSPI interface can work in SDR or DDR modes. FlexSPI
n_MCR0[RXCLKSRC] = 0 and FlexSPIn_MCR0[RXCLKSRC] =
1 configurations are supported when I/O is supplied by 3.3 V and 1.8 V, while FlexSPI
n_MCR0[RXCLKSRC] = 3 configuration is
supported when I/O is supplied by 1.8 Vonly.
Input timing assumes an input signal slew rate of 1 ns (20%/80%) and Output timing valid for maximum external load CL = 15 pF,
which is assumed to be a 8 pF load at the end of a 50 ohm, un-terminated, 2-inch microstrip trace on standard FR4 (3.3 pF/inch).
For best signal integrity, the series resistance of the transmission line should be matched closely to the selected RDSON of the
I/O pad output driver.
The DSE[5:0] = 001111 and FSEL1[1:0] = 11 are required drive settings to meet the timing.
4.12.9.1 FlexSPI input/read timing
There are three sources for the internal sample clock of FlexSPI read data:
• Dummy read strobe generated by FlexSPI controller and looped back internally (FlexSPI
n_MCR0[RXCLKSRC] = 0x0)
• Dummy read strobe generated by FlexSPI controller and looped back through the DQS pad (FlexSPI
n_MCR0[RXCLKSRC]
= 0x1)
• Read strobe provided by memory device and input from DQS pad (FlexSPI
n_MCR0[RXCLKSRC] = 0x3)
The following sections describe input signal timing for each of these three internal sample clock sources.
4.12.9.1.1 SDR mode with FlexSPIn_MCR0[RXCLKSRC] = 0x0, 0x1
Table 75. FlexSPI input timing in SDR mode where FlexSPI
n_MCR0[RXCLKSRC] = 0X0 (Nominal and Overdrive mode)
Symbol
Parameter
Min
Max
Unit
—
Frequency of operation[1]
—
66
MHz
F1
Setup time for incoming data
6
—
ns
F2
Hold time for incoming data
0
—
ns
NXP Semiconductors
IMX93CEC
i.MX 93 Applications Processors Data Sheet for Commercial Products
IMX93CEC
All information provided in this document is subject to legal disclaimers.
© 2026 NXP B.V. All rights reserved.
Product data sheet
Rev. 7 — 12 February 2026
Document feedback
71 / 123



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com