Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MIMX9331DVVXMAC Arkusz danych(PDF) 93 Page - NXP Semiconductors

Numer części MIMX9331DVVXMAC
Szczegółowy opis  i.MX 93 Applications Processors Data Sheet for Commercial Products
PDF  123 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  NXP [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo NXP - NXP Semiconductors

MIMX9331DVVXMAC Arkusz danych(HTML) 93 Page - NXP Semiconductors

Back Button MIMX9331DVVXMAC Datasheet HTML 89Page - NXP Semiconductors MIMX9331DVVXMAC Datasheet HTML 90Page - NXP Semiconductors MIMX9331DVVXMAC Datasheet HTML 91Page - NXP Semiconductors MIMX9331DVVXMAC Datasheet HTML 92Page - NXP Semiconductors MIMX9331DVVXMAC Datasheet HTML 93Page - NXP Semiconductors MIMX9331DVVXMAC Datasheet HTML 94Page - NXP Semiconductors MIMX9331DVVXMAC Datasheet HTML 95Page - NXP Semiconductors MIMX9331DVVXMAC Datasheet HTML 96Page - NXP Semiconductors MIMX9331DVVXMAC Datasheet HTML 97Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 93 / 123 page
background image
Table 102. 11 x 11 mm functional contact assignment ...continued
Ball name
11 x 11
ball
Power group
Ball Types
Default setting
Default
modes
Default function
Status while
reset is
asserted
SD1_CLK
Y11
NVCC_WAKEUP
GPIO
Alt5
GPIO3.IO[8]
Input with PD
SD1_CMD
AA12
NVCC_WAKEUP
GPIO
Alt5
GPIO3.IO[9]
Input with PD
SD1_DATA0
AA14
NVCC_WAKEUP
GPIO
Alt5
GPIO3.IO[10]
Input with PD
SD1_DATA1
AA15
NVCC_WAKEUP
GPIO
Alt5
GPIO3.IO[11]
Input with PD
SD1_DATA2
AA16
NVCC_WAKEUP
GPIO
Alt5
GPIO3.IO[12]
Input with PD
SD1_DATA3
AA13
NVCC_WAKEUP
GPIO
Alt5
GPIO3.IO[13]
Input with PD
SD1_DATA4
Y13
NVCC_WAKEUP
GPIO
Alt5
GPIO3.IO[14]
Input with PD
SD1_DATA5
Y14
NVCC_WAKEUP
GPIO
Alt5
GPIO3.IO[15]
Input with PD
SD1_DATA6
Y15
NVCC_WAKEUP
GPIO
Alt5
GPIO3.IO[16]
Input with PD
SD1_DATA7
Y16
NVCC_WAKEUP
GPIO
Alt5
GPIO3.IO[17]
Input with PD
SD1_STROBE
Y12
NVCC_WAKEUP
GPIO
Alt5
GPIO3.IO[18]
Input without
PU / PD
SD2_CD_B
Y17
NVCC_SD2
GPIO
Alt5
GPIO3.IO[0]
Input with PD
SD2_CLK
AA19
NVCC_SD2
GPIO
Alt5
GPIO3.IO[1]
Input with PD
SD2_CMD
Y19
NVCC_SD2
GPIO
Alt5
GPIO3.IO[2]
Input with PD
SD2_DATA0
Y18
NVCC_SD2
GPIO
Alt5
GPIO3.IO[3]
Input with PD
SD2_DATA1
AA18
NVCC_SD2
GPIO
Alt5
GPIO3.IO[4]
Input with PD
SD2_DATA2
Y20
NVCC_SD2
GPIO
Alt5
GPIO3.IO[5]
Input with PD
SD2_DATA3
AA20
NVCC_SD2
GPIO
Alt5
GPIO3.IO[6]
Input with PD
SD2_RESET_B
AA17
NVCC_SD2
GPIO
Alt5
GPIO3.IO[7]
Input with PD
SD2_VSELECT
V18
NVCC_WAKEUP
GPIO
Alt5
GPIO3.IO[19]
Input with PD
SD3_CLK
V16
NVCC_WAKEUP
GPIO
Alt5
GPIO3.IO[20]
Input with PD
SD3_CMD
U16
NVCC_WAKEUP
GPIO
Alt5
GPIO3.IO[21]
Input with PD
SD3_DATA0
T16
NVCC_WAKEUP
GPIO
Alt5
GPIO3.IO[22]
Input with PD
Table continues on the next page...
NXP Semiconductors
IMX93CEC
i.MX 93 Applications Processors Data Sheet for Commercial Products
IMX93CEC
All information provided in this document is subject to legal disclaimers.
© 2026 NXP B.V. All rights reserved.
Product data sheet
Rev. 7 — 12 February 2026
Document feedback
93 / 123



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com