Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MIMX9331DVVXMAC Arkusz danych(PDF) 18 Page - NXP Semiconductors

Numer części MIMX9331DVVXMAC
Szczegółowy opis  i.MX 93 Applications Processors Data Sheet for Commercial Products
PDF  123 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  NXP [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo NXP - NXP Semiconductors

MIMX9331DVVXMAC Arkusz danych(HTML) 18 Page - NXP Semiconductors

Back Button MIMX9331DVVXMAC Datasheet HTML 14Page - NXP Semiconductors MIMX9331DVVXMAC Datasheet HTML 15Page - NXP Semiconductors MIMX9331DVVXMAC Datasheet HTML 16Page - NXP Semiconductors MIMX9331DVVXMAC Datasheet HTML 17Page - NXP Semiconductors MIMX9331DVVXMAC Datasheet HTML 18Page - NXP Semiconductors MIMX9331DVVXMAC Datasheet HTML 19Page - NXP Semiconductors MIMX9331DVVXMAC Datasheet HTML 20Page - NXP Semiconductors MIMX9331DVVXMAC Datasheet HTML 21Page - NXP Semiconductors MIMX9331DVVXMAC Datasheet HTML 22Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 123 page
background image
4.1.4 Operating ranges
Table 13 provides the operating ranges of the i.MX 93 processors. For details on the chip's power structure, see the "Clock and
Power Overview" chapter of the
i.MX 93 Reference Manual (IMX93RM).
Table 13. Operating ranges
Parameter Description
Symbol
Min
Typ
Max[1]
Unit
Comment
Power supply for SoC
logic and Arm core
VDD_SOC
0.85
0.90
0.95
V
Power supply for SoC,
overdrive mode
0.80
0.85
0.90
V
Power supply for SoC,
nominal mode
0.76
0.80
0.84
V
Power supply for SoC, low
drive mode
0.61
0.65
0.70
V
Power supply for SoC,
suspend mode
Digital supply for PLLs,
temperature sensor,
LVCMOS I/O, MIPI,
and USB PHYs
VDD_ANA_0P8
0.76
0.80
0.84
V
—
VDD_MIPI_0P8
VDD_USB_0P8
1.8 V supply
for PLLs, eFuse,
Temperature sensor,
LVCMOS voltage
detect reference, ADC,
24 MHz XTAL, LVDS,
MIPI, and USB PHYs
VDD_ANAx_1P8
1.71
1.80
1.89
V
[2]
VDD_LVDS_1P8
VDD_MIPI_1P8
VDD_USB_1P8
3.3 V supply for
USB PHY
VDD_USB_3P3
3.069
3.30
3.45
V
—
Voltage supply for
DRAM PHY
VDD2_DDR
1.06
1.10
1.14
V
—
Voltage supply for
DRAM PHY I/O
VDDQ_DDR
1.06
1.10
1.14
V
LPDDR4
0.57
0.60
0.67
V
LPDDR4X
I/O supply and I/O pre-
driver supply for GPIO
in BBSM bank
NVCC_BBSM_1P8
1.62
1.80
1.98
V
—
Power supply for GPIO
when it is in 1.8 V mode
NVCC_AON
NVCC_SD2
NVCC_GPIO
NVCC_WAKEUP
1.62
1.80
1.98
V
—
Power supply for GPIO
when it is in 3.3 V mode
3.00
3.30
3.465
V
—
Table continues on the next page...
NXP Semiconductors
IMX93CEC
i.MX 93 Applications Processors Data Sheet for Commercial Products
IMX93CEC
All information provided in this document is subject to legal disclaimers.
© 2026 NXP B.V. All rights reserved.
Product data sheet
Rev. 7 — 12 February 2026
Document feedback
18 / 123



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com