Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MIMX9331DVVXMAC Arkusz danych(PDF) 22 Page - NXP Semiconductors

Numer części MIMX9331DVVXMAC
Szczegółowy opis  i.MX 93 Applications Processors Data Sheet for Commercial Products
PDF  123 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  NXP [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo NXP - NXP Semiconductors

MIMX9331DVVXMAC Arkusz danych(HTML) 22 Page - NXP Semiconductors

Back Button MIMX9331DVVXMAC Datasheet HTML 18Page - NXP Semiconductors MIMX9331DVVXMAC Datasheet HTML 19Page - NXP Semiconductors MIMX9331DVVXMAC Datasheet HTML 20Page - NXP Semiconductors MIMX9331DVVXMAC Datasheet HTML 21Page - NXP Semiconductors MIMX9331DVVXMAC Datasheet HTML 22Page - NXP Semiconductors MIMX9331DVVXMAC Datasheet HTML 23Page - NXP Semiconductors MIMX9331DVVXMAC Datasheet HTML 24Page - NXP Semiconductors MIMX9331DVVXMAC Datasheet HTML 25Page - NXP Semiconductors MIMX9331DVVXMAC Datasheet HTML 26Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 123 page
background image
4.2 Power modes
This section introduces the power modes used in the i.MX 93.
4.2.1 Power mode definition
The i.MX 93 supports the following power modes:
• RUN Mode: All external power rails are on, the Cortex-A55 is active and running; other internal modules can be on/off based
on application.
• Low Power RUN Mode: This mode is defined as a very low power run mode with all external power rails are on. In this mode, all
the unnecessary power domain (MIX) can be off, except AONMIX and the internal modules required, such as OSC24M/PLL.
Cortex-M33 CPU in AONMIX handles all the computing and data processing. Cortex-A55 is power down and DRAM can
be in self-refresh/retention mode. All the modules in the AONMIX, such as SAI/CAN/LPUART, can be used directly. To use
modules in other power domain, such as WAKEUPMIX, the user can turn on additional peripherals and related power by
Cortex-M33 as needed. Additional low power modes are also supported, but do not have power characterized in the Data
Sheet. See the Reference Manual for a full set of power management capabilities.
• IDLE Mode: This mode is defined as a mode, which the Cortex-A55 can automatically enter when there is no thread running
and all high-speed devices are not active. The Cortex-A55 can be put into power gated state but with L3 data retained, DRAM
and the bus clock are reduced. Most of the internal logic is clock gated, but still remains powered. Compared with RUN mode,
all the external power rails from the PMIC remain the same and most of the modules still remain in their state, so the interrupt
response in this mode is very small.
• SUSPEND Mode: This mode is defined as the most power saving mode where all the clocks are off (including the Cortex-M33
CPU), all the unnecessary power supplies are off and all power gateable portions of the SoC are power gated. The Cortex-A55
CPU are fully power gated, all internal digital logic and analog circuit that can be powered down will be off, and all PHYs are
power gated. DRAM is set at self-refresh/retention mode. VDD_SOC (and related digital supply) voltage is reduced to the
"Suspend mode" voltage. The exit time from this mode will be much longer than IDLE, but the power consumption will also
be much lower.
• BBSM Mode: This mode is also called RTC mode. Only the power for the BBSM domain remains on to keep RTC and BBSM
logic alive.
• OFF Mode: All power rails are off.
Note:
Beyond the modes defined here, additional options can be configured in software, such as to adjust clock frequencies or gate
clocks through the CCM programming model, or to adjust on-die power-gating through the SRC or GPC programming model, or
to adjust the voltage supplied to the VDD_SOC supply as per Operating ranges in the Data Sheet.
Table 21 summarizes the external power supply states in all the power modes.
Table 21. The power supply states
Power rail
OFF
BBSM
SUSPEND
(Analog on)
IDLE
RUN/LP RUN
NVCC_BBSM_1P8
OFF
ON
ON
ON
ON
VDD_SOC
OFF
OFF
ON
ON
ON
VDD2_DDR
VDDQ_DDR
OFF
OFF
ON
ON
ON
NVCC_<XXX>
OFF
OFF
ON
ON
ON
Table continues on the next page...
NXP Semiconductors
IMX93CEC
i.MX 93 Applications Processors Data Sheet for Commercial Products
IMX93CEC
All information provided in this document is subject to legal disclaimers.
© 2026 NXP B.V. All rights reserved.
Product data sheet
Rev. 7 — 12 February 2026
Document feedback
22 / 123



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com