Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MIMX9331DVVXMAC Arkusz danych(PDF) 7 Page - NXP Semiconductors

Numer części MIMX9331DVVXMAC
Szczegółowy opis  i.MX 93 Applications Processors Data Sheet for Commercial Products
PDF  123 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  NXP [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo NXP - NXP Semiconductors

MIMX9331DVVXMAC Arkusz danych(HTML) 7 Page - NXP Semiconductors

Back Button MIMX9331DVVXMAC Datasheet HTML 3Page - NXP Semiconductors MIMX9331DVVXMAC Datasheet HTML 4Page - NXP Semiconductors MIMX9331DVVXMAC Datasheet HTML 5Page - NXP Semiconductors MIMX9331DVVXMAC Datasheet HTML 6Page - NXP Semiconductors MIMX9331DVVXMAC Datasheet HTML 7Page - NXP Semiconductors MIMX9331DVVXMAC Datasheet HTML 8Page - NXP Semiconductors MIMX9331DVVXMAC Datasheet HTML 9Page - NXP Semiconductors MIMX9331DVVXMAC Datasheet HTML 10Page - NXP Semiconductors MIMX9331DVVXMAC Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 123 page
background image
Table 2. Ordering information ...continued
Part number
Part
differen
tiator
Number
of Cores
(A55)
Max
speed NPU
GDET
Camera
Display
Connecti
vity
Audio DDR
Packag
e
• 4-lane
LVDS
• Parallel
display
MIMX9302D
VVXDAB
MIMX9302D
VVXDAC[1]
0
2
900
MHz
—
Disable
d
• 2-lane
1080p30
MIPI CSI
• Parallel
camera
• 4-lane
1080p6
0 MIPI
DSI
• 4-lane
LVDS
• Parallel
display
• 2x
GbE
• 2x
USB
2.0
7x I2S
TDM
1.866
GT/s
11 x 11
mm,
0.5 mm
pitch
MIMX9301D
VVXDAB
MIMX9301D
VVXDAC[1]
0
1
900
MHz
—
Disable
d
• 2-lane
1080p30
MIPI CSI
• Parallel
camera
• 4-lane
1080p6
0 MIPI
DSI
• 4-lane
LVDS
• Parallel
display
• 2x
GbE
• 2x
USB
2.0
7x I2S
TDM
1.866
GT/s
11 x 11
mm,
0.5 mm
pitch
MIMX9322D
VXXMAB
MIMX9322D
VXXMAC
2
2
1.7
GHz
NPU Disable
d
Parallel
camera
Parallel
display
• 1x
GbE
• 1x
USB
2.0
3x I2S
TDM
3.2
GT/s
9 x 9
mm,
0.5 mm
pitch
MIMX9321D
VXXMAB
MIMX9321D
VXXMAC
2
1
1.7
GHz
NPU Disable
d
Parallel
camera
Parallel
display
• 1x
GbE
• 1x
USB
2.0
3x I2S
TDM
3.2
GT/s
9 x 9
mm,
0.5 mm
pitch
MIMX9312D
VXXMAB
MIMX9312D
VXXMAC
1
2
1.7
GHz
—
Disable
d
Parallel
camera
Parallel
display
• 1x
GbE
• 1x
USB
2.0
3x I2S
TDM
3.2
GT/s
9 x 9
mm,
0.5 mm
pitch
MIMX9311D
VXXMAB
1
1
1.7
GHz
—
Disable
d
Parallel
camera
Parallel
display
• 1x
GbE
3x I2S
TDM
3.2
GT/s
9 x 9
mm,
Table continues on the next page...
NXP Semiconductors
IMX93CEC
i.MX 93 Applications Processors Data Sheet for Commercial Products
IMX93CEC
All information provided in this document is subject to legal disclaimers.
© 2026 NXP B.V. All rights reserved.
Product data sheet
Rev. 7 — 12 February 2026
Document feedback
7 / 123



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com