Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MIMX9331DVVXMAC Arkusz danych(PDF) 3 Page - NXP Semiconductors

Numer części MIMX9331DVVXMAC
Szczegółowy opis  i.MX 93 Applications Processors Data Sheet for Commercial Products
PDF  123 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  NXP [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo NXP - NXP Semiconductors

MIMX9331DVVXMAC Arkusz danych(HTML) 3 Page - NXP Semiconductors

  MIMX9331DVVXMAC Datasheet HTML 1Page - NXP Semiconductors MIMX9331DVVXMAC Datasheet HTML 2Page - NXP Semiconductors MIMX9331DVVXMAC Datasheet HTML 3Page - NXP Semiconductors MIMX9331DVVXMAC Datasheet HTML 4Page - NXP Semiconductors MIMX9331DVVXMAC Datasheet HTML 5Page - NXP Semiconductors MIMX9331DVVXMAC Datasheet HTML 6Page - NXP Semiconductors MIMX9331DVVXMAC Datasheet HTML 7Page - NXP Semiconductors MIMX9331DVVXMAC Datasheet HTML 8Page - NXP Semiconductors MIMX9331DVVXMAC Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 123 page
background image
Table 1. Features ...continued
Subsystem
Features
• Two-way set-associative 16 KB System Cache with parity support
• Two-way set-associative 16 KB Code Cache with parity support
• 256 KB tightly coupled memory (TCM)
Neural Processing Unit (NPU)
Neural Network performance (256 MACs operating up to 1.0 GHz and 2 OPS/MAC)
• NPU targets 8-bit and 16-bit integer RNN
• Handles 8-bit weights
Image Sensor Interface (ISI)
• Standard pixel formats commonly used in many camera input protocols
• Programmable resolutions up to 2K
• Image processing for:
— Supports one source of up to 2K horizontal resolution
— Supports pixel rate up to 200 Mpixel/s
• Image down scaling via decimation and bi-phase filtering
• Color space conversion
• Interlaced to progressive conversions
On-chip memory
Boot ROM (256 KB) for Cortex®-A55
Boot ROM (256 KB) for Cortex®-M33
On-chip RAM (640 KB)
External memory interface
16-bit DRAM interface:
• LPDDR4X/LPDDR4 with inline ECC
• Supports up to 2 Gbyte DDR memory space
Three Ultra Secure Digital Host Controller (uSDHC) interfaces:
• One eMMC 5.1 (8-bit) compliance with HS400 DDR signaling to support up to 400
MB/sec
• One SDXC (4-bit, no eMMC5.1, with extended capacity)
• One SDIO (4-bit, SD/SDIO 3.01 compliance with 200 MHz SDR signaling and up
to 100 MB/sec)
FlexSPI Flash with support for XIP (for Cortex®-A55 in low-power mode) and support
for either one Octal SPI or Quad SPI FLASH device. It also supports both Serial NOR
and Serial NAND flash using the FlexSPI.
Pixel Pipeline (PXP)
• BitBlit
• Flexible image composition options—alpha, chroma key
• Porter-Duff operation
Table continues on the next page...
NXP Semiconductors
IMX93CEC
i.MX 93 Applications Processors Data Sheet for Commercial Products
IMX93CEC
All information provided in this document is subject to legal disclaimers.
© 2026 NXP B.V. All rights reserved.
Product data sheet
Rev. 7 — 12 February 2026
Document feedback
3 / 123



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com