Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MIMX9331DVVXMAC Arkusz danych(PDF) 24 Page - NXP Semiconductors

Numer części MIMX9331DVVXMAC
Szczegółowy opis  i.MX 93 Applications Processors Data Sheet for Commercial Products
PDF  123 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  NXP [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo NXP - NXP Semiconductors

MIMX9331DVVXMAC Arkusz danych(HTML) 24 Page - NXP Semiconductors

Back Button MIMX9331DVVXMAC Datasheet HTML 20Page - NXP Semiconductors MIMX9331DVVXMAC Datasheet HTML 21Page - NXP Semiconductors MIMX9331DVVXMAC Datasheet HTML 22Page - NXP Semiconductors MIMX9331DVVXMAC Datasheet HTML 23Page - NXP Semiconductors MIMX9331DVVXMAC Datasheet HTML 24Page - NXP Semiconductors MIMX9331DVVXMAC Datasheet HTML 25Page - NXP Semiconductors MIMX9331DVVXMAC Datasheet HTML 26Page - NXP Semiconductors MIMX9331DVVXMAC Datasheet HTML 27Page - NXP Semiconductors MIMX9331DVVXMAC Datasheet HTML 28Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 123 page
background image
Table 22. Low power mode definition ...continued
IDLE
SUSPEND
BBSM
NOC clock
133 MHz
OFF
OFF
AXI clock
133 MHz
OFF
OFF
Module clocks
ON as needed
OFF
OFF
EdgeLock® Secure Enclave
ON
ON
ON
GPIO Wakeup
Yes
Yes
OFF
RTC Wakeup
Yes
Yes
Yes
USB remote wakeup
Yes
No[1]
No
Other wakeup source
Yes
No[2]
No
WAKEUPMIX
ON
OFF[3]
OFF
MLMIX
ON
OFF
OFF
NICMIX
ON as needed
OFF
OFF
[1] USB remote wakeup can be "Yes" if required.
[2] Other wakeup source can be "Yes" if required.
[3] WAKEUPMIX can be "ON" if required.
Note:
• Automatic enter self-refresh when there is no DRAM access.
• Put into self-refresh mode by software before entering low power mode.
• Turn off externally by PMIC when PMIC_STBY_REQ signal is asserted.
• Remote wakeup can be supported if the USB PHY power is on in this mode.
4.2.3 Chip power in different Low Power modes
Table 23 shows power consumption in different LP modes.
Table 23. Chip power in different LP modes
Mode
Supply
Voltage (V)
Power (mW)[1]
BBSM
NVCC_BBSM_1P8
1.8
0.14
SUSPEND
NVCC_GPIO, NVCC_SD2
3.3
2.65
NVCC_WAKEUP
[2]
1.8
1.20
VDDQ_DDR
0.6
< 0.01
VDD2_DDR
1.1
0.25
Table continues on the next page...
NXP Semiconductors
IMX93CEC
i.MX 93 Applications Processors Data Sheet for Commercial Products
IMX93CEC
All information provided in this document is subject to legal disclaimers.
© 2026 NXP B.V. All rights reserved.
Product data sheet
Rev. 7 — 12 February 2026
Document feedback
24 / 123



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com