Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

PLMX2624PAP/EM Arkusz danych(PDF) 14 Page - Texas Instruments

Numer części PLMX2624PAP/EM
Szczegółowy opis  LMX2624-SP 5MHz to 28GHz Wideband Synthesizer With Phase Synchronization and JESD204B/C Support
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI2 [Texas Instruments]
Strona internetowa  https://www.ti.com
Logo TI2 - Texas Instruments

PLMX2624PAP/EM Arkusz danych(HTML) 14 Page - Texas Instruments

Back Button PLMX2624PAP/EM Datasheet HTML 10Page - Texas Instruments PLMX2624PAP/EM Datasheet HTML 11Page - Texas Instruments PLMX2624PAP/EM Datasheet HTML 12Page - Texas Instruments PLMX2624PAP/EM Datasheet HTML 13Page - Texas Instruments PLMX2624PAP/EM Datasheet HTML 14Page - Texas Instruments PLMX2624PAP/EM Datasheet HTML 15Page - Texas Instruments PLMX2624PAP/EM Datasheet HTML 16Page - Texas Instruments PLMX2624PAP/EM Datasheet HTML 17Page - Texas Instruments PLMX2624PAP/EM Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 65 page
background image
3.2 V ≤ VCC ≤ 3.45 V, –55°C ≤ TC ≤ +125°C., OSCIN = 100MHz, SM Clock = 12.5MHz, Typical values are at VCC = 3.3 V,
25°C (unless otherwise noted).
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
DIGITAL INTERFACE (Applies to SCK, SDI, CSB, CAL, RECAL_EN, MUXout, SYNC, SysRefReq)
VIH
High-level input voltage
1.6
V
VIL
Low-level input voltage
0.4
V
IIH
High-level input current
–100
100
µA
IIL
Low-level input current
–100
100
µA
VOH
High-level output voltage
MUXout pin
Load current = –
5 mA
VCC – 0.6
V
VOL
Low-level output voltage
MUXout pin
Load current = 5
mA
0.6
V
SYSREF Output Common mode
voltage
TBD
V
SYREF Output Swing
TBD
V
SYSREF Frequency range
TBD
MHz
SYSREF delay step size
TBD
ps
VL
CDIV0, CDIV1, CDIV2 Voltage levels
0
0.4
V
VML
CDIV0, CDIV1, CDIV2 Voltage levels
0.8
VCC/3
1.4
V
VMH
CDIV0, CDIV1, CDIV2 Voltage levels
1.9
2*VCC/3
2.5
V
VH
CDIV0, CDIV1, CDIV2 Voltage levels
3
VCC
3.45
V
VL
NDIV0, NDIV1, NDIV2, NDIV3,
NDIV4, NDIV5 Voltage levels
0
0.4
V
VML
NDIV0, NDIV1, NDIV2, NDIV3,
NDIV4, NDIV5 Voltage levels
0.8
VCC/3
1.4
V
VMH
NDIV0, NDIV1, NDIV2, NDIV3,
NDIV4, NDIV5 Voltage levels
1.9
2*VCC/3
2.5
V
VH
NDIV0, NDIV1, NDIV2, NDIV3,
NDIV4, NDIV5 Voltage levels
3
VCC
3.45
V
(1)
For lower VCO frequencies, the N divider minimum value can limit the phase-detector frequency.
(2)
Single-ended output power obtained after de-embedding microstrip trace losses and matching with a manual tuner. Unused port
terminated to 50-Ω load.
(3)
The PLL noise contribution is measured using a clean reference and a wide loop bandwidth and is composed into flicker and flat
components. PLL_flat = PLL_FOM + 20× log(Fvco/Fpd) + 10 × log(Fpd / 1Hz). PLL_flicker (offset) = PLL_1/f + 20 × log(Fvco /
1GHz) – 10× log(offset / 10kHz). After these two components are found, the total PLL noise can be calculated as PLL_Noise = 10 ×
log(10 PLL_Flat / 10 + 10 PLL_flicker /10 )
(4)
Output power, spurs, and harmonics can vary based on board layout and components.
5.6 Timing Requirements
(3.2 V ≤ VCC ≤ 3.45 V, –55°C ≤ TA ≤ +125°C, except as specified. Nominal values are at VCC = 3.3 V, TA = 25°C)
MIN
NOM
MAX
UNIT
DIGITAL INTERFACE WRITE SPECIFICATIONS
fSPIWrite
SPI write speed
40
MHz
tCE
Clock to enable low time
See Timing Diagram
2.5
ns
tCS
Data to clock setup time
8.6
ns
tCH
Data to clock hold time
0.6
ns
tCWH
Clock pulse width high
5
ns
tCWL
Clock pulse width low
10
ns
tCES
Enable to clock setup time
6.5
ns
tEWH
Enable pulse width high
5
ns
DIGITAL INTERFACE READBACK SPECIFICATIONS
fSPIReadback
SPI readback speed
40
MHz
LMX2624-SP
SNAS849 – DECEMBER 2024
www.ti.com
14
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: LMX2624-SP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com