Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

PLMX2624PAP/EM Arkusz danych(PDF) 51 Page - Texas Instruments

Numer części PLMX2624PAP/EM
Szczegółowy opis  LMX2624-SP 5MHz to 28GHz Wideband Synthesizer With Phase Synchronization and JESD204B/C Support
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI2 [Texas Instruments]
Strona internetowa  https://www.ti.com
Logo TI2 - Texas Instruments

PLMX2624PAP/EM Arkusz danych(HTML) 51 Page - Texas Instruments

Back Button PLMX2624PAP/EM Datasheet HTML 47Page - Texas Instruments PLMX2624PAP/EM Datasheet HTML 48Page - Texas Instruments PLMX2624PAP/EM Datasheet HTML 49Page - Texas Instruments PLMX2624PAP/EM Datasheet HTML 50Page - Texas Instruments PLMX2624PAP/EM Datasheet HTML 51Page - Texas Instruments PLMX2624PAP/EM Datasheet HTML 52Page - Texas Instruments PLMX2624PAP/EM Datasheet HTML 53Page - Texas Instruments PLMX2624PAP/EM Datasheet HTML 54Page - Texas Instruments PLMX2624PAP/EM Datasheet HTML 55Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 65 page
background image
8 Application and Implementation
Note
Information in the following applications sections is not part of the TI component specification,
and TI does not warrant its accuracy or completeness. TI’s customers are responsible for
determining suitability of components for their purposes, as well as validating and testing their design
implementation to confirm system functionality.
8.1 Application Information
8.1.1 OSCin Configuration
OSCin supports single or differential-ended clock. There must be a AC -coupling capacitor in series before the
device pin. The OSCin inputs are high impedance CMOS with internal bias voltage. TI recommends putting
termination shunt resistors to terminate the differential traces (if there are 50-Ω characteristic traces, place
50-Ω resistors). The OSCin and OSCin* side must be matched in layout. A series AC-coupling capacitors must
immediately follow OSCin pins in the board layout, then the shunt termination resistors to ground must be placed
after.
Input clock definitions are shown in Figure 8-1:
CMOS
Sine wave
Differential
V
OSCin
V
OSCin
V
OSCin
Figure 8-1. Input Clock Definitions
8.1.2 OSCin Slew Rate
The slew rate of the OSCin signal can have an impact on the spurs and phase noise of the LMX2624-SP if the
signal is too low. In general, the best performance is for a high slew rate, but lower amplitude signal, such as
LVDS.
8.1.3 RF Output Buffer Power Control
The OUTA_PWR and OUTB_PWR registers control the amount of drive current for the output. This current
creates a voltage across the pullup component and load. Keeping the OUTx_PWR setting at 31 or less is
generally recommended as higher settings consume more current consumption and can also lead to higher
output power. Optimal noise floor is typically obtained by setting OUTx_PWR in the range of 15 to 25.
8.1.4 RF Output Buffer Pullup
The pull up resistors are integrated in this device. 50 Ω resistors to VCC pull up is there internally for each pin on
the differential outputs RFOUTA and RFOUTB.
8.1.5 RF Output Treatment for the Complimentary Side
Regardless of whether both sides of the differential outputs are used, both sides must see a similar load.
8.1.5.1 Single-ended Termination of Unused Output
The unused output must have approximately the same impedance as looking out of the pin to minimize
harmonics and get the best output power. If the application requirement is to use only single-ended output,
for example RFOUTAP, then the user must verify that the RFOUTAM also has same impedance. For a typical 50
Ω systems with 50 Ω PCB traces, the unused pin can be terminated with 50 Ω with AC coupling capacitor.
www.ti.com
LMX2624-SP
SNAS849 – DECEMBER 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
51
Product Folder Links: LMX2624-SP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com