Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

PLMX2624PAP/EM Arkusz danych(PDF) 8 Page - Texas Instruments

Numer części PLMX2624PAP/EM
Szczegółowy opis  LMX2624-SP 5MHz to 28GHz Wideband Synthesizer With Phase Synchronization and JESD204B/C Support
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI2 [Texas Instruments]
Strona internetowa  https://www.ti.com
Logo TI2 - Texas Instruments

PLMX2624PAP/EM Arkusz danych(HTML) 8 Page - Texas Instruments

Back Button PLMX2624PAP/EM Datasheet HTML 4Page - Texas Instruments PLMX2624PAP/EM Datasheet HTML 5Page - Texas Instruments PLMX2624PAP/EM Datasheet HTML 6Page - Texas Instruments PLMX2624PAP/EM Datasheet HTML 7Page - Texas Instruments PLMX2624PAP/EM Datasheet HTML 8Page - Texas Instruments PLMX2624PAP/EM Datasheet HTML 9Page - Texas Instruments PLMX2624PAP/EM Datasheet HTML 10Page - Texas Instruments PLMX2624PAP/EM Datasheet HTML 11Page - Texas Instruments PLMX2624PAP/EM Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 65 page
background image
5.5 Electrical Characteristics
3.2 V ≤ VCC ≤ 3.45 V, –55°C ≤ TC ≤ +125°C., OSCIN = 100MHz, SM Clock = 12.5MHz, Typical values are at VCC = 3.3 V,
25°C (unless otherwise noted).
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
POWER SUPPLY
ICC
Supply current (VCO output)
OUTBUFFA_PD
= 0,
OUTBUFFB_PD
= 1
OUTBUFFA_MU
XSEL = 1
OUTBUFFA_DA
CCTRL = 7, CPG
= 7
fOSC = fPD = 100
MHz, fVCO = fOUT
= 14.5 GHz
480
mA
ICC
Supply current (channel divider
output)
OUTBUFFA_PD
= 0,
OUTBUFFB_PD
= 1
OUTBUFFA_MU
XSEL = 0
OUTBUFFA_DA
CCTRL = 7, CPG
= 7
fOSC = fPD = 100
MHz, fVCO =
15Ghz, fOUT = 7
GHz
640
mA
ICC
Supply current (Doubler output)
OUTBUFFA_PD
= 0,
OUTBUFFB_PD
= 1
OUTA_MUX = 2
OUTBUFFA_DA
CCTRL=7, CPG
= 7
fOSC = fPD = 100
MHz, fVCO =
12GHz
fOUT = 24 GHz
630
mA
ICC
Supply current (Doubler output on
both RFOUTA and RFOUTB)
OUTBUFFA_PD
= 0,
OUTBUFFB_PD
= 0
OUTA_MUX = 2
OUTBUFFA_DA
CCTRL=7, CPG
= 7
fOSC = fPD = 100
MHz, fVCO =
12GHz
fOUT = 24 GHz
TBD
mA
ICC
Power on reset current
RESET = 1
(Device wake-up)
RESET = 1
(Device wake-up)
RESET = 1
(Device wake-up)
289
mA
ICC
Power down current
POWERDOWN =
1
POWERDOWN =
1
POWERDOWN =
1
14
mA
OUTPUT CHARACTERISTICS
Fout
RF output frequency
5
28000
MHz
pOUT
Differential output power
OUTx_PWR = 31 fOUT = 28 GHz
TBD
dBm
pOUT
Single-ended output power(2) (4)
OUTx_PWR = 31 fOUT = 28 GHz
3
dBm
pOUT
Differential output power
OUTx_PWR = 31 fOUT = 26 GHz
TBD
dBm
pOUT
Single-ended output power(2) (4)
OUTx_PWR = 31 fOUT = 26 GHz
2
dBm
pOUT
Differential output power
OUTx_PWR = 31 fOUT = 24 GHz
TBD
dBm
pOUT
Single-ended output power(2) (4)
OUTx_PWR = 31 fOUT = 24 GHz
2
dBm
pOUT
Differential output power
OUTx_PWR = 31 fOUT = 22 GHz
TBD
dBm
LMX2624-SP
SNAS849 – DECEMBER 2024
www.ti.com
8
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: LMX2624-SP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com