Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

PLMX2624PAP/EM Arkusz danych(PDF) 52 Page - Texas Instruments

Numer części PLMX2624PAP/EM
Szczegółowy opis  LMX2624-SP 5MHz to 28GHz Wideband Synthesizer With Phase Synchronization and JESD204B/C Support
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI2 [Texas Instruments]
Strona internetowa  https://www.ti.com
Logo TI2 - Texas Instruments

PLMX2624PAP/EM Arkusz danych(HTML) 52 Page - Texas Instruments

Back Button PLMX2624PAP/EM Datasheet HTML 48Page - Texas Instruments PLMX2624PAP/EM Datasheet HTML 49Page - Texas Instruments PLMX2624PAP/EM Datasheet HTML 50Page - Texas Instruments PLMX2624PAP/EM Datasheet HTML 51Page - Texas Instruments PLMX2624PAP/EM Datasheet HTML 52Page - Texas Instruments PLMX2624PAP/EM Datasheet HTML 53Page - Texas Instruments PLMX2624PAP/EM Datasheet HTML 54Page - Texas Instruments PLMX2624PAP/EM Datasheet HTML 55Page - Texas Instruments PLMX2624PAP/EM Datasheet HTML 56Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 65 page
background image
Figure 8-2. Termination of Unused Output
8.2 Typical Application
Figure 8-3. Typical Application Schematic (TBD)
8.2.1 Design Requirements
The design of the loop filter is complex and is typically done with software. The PLLatinum Sim software is an
excellent resource for doing this and the design is shown in Figure 8-4. For those interested in the equations
involved, the PLL Performance, Simulation, and Design Handbook (SNAA106) goes into great detail as to theory
and design of PLL loop filters.
Figure 8-4. PLLatinum Sim Tool
8.2.2 Detailed Design Procedure
The integration of phase noise over a certain bandwidth (jitter) is an performance specification that translates
to signal-to-noise ratio. Phase noise inside the loop bandwidth is dominated by the PLL, while the phase noise
outside the loop bandwidth is dominated by the VCO. Generally, jitter is lowest if loop bandwidth is designed
to the point where the two intersect. A higher phase margin loop filter design has less peaking at the loop
bandwidth and thus lower jitter. The tradeoff with this is that longer lock times and spurs must be considered in
design as well.
LMX2624-SP
SNAS849 – DECEMBER 2024
www.ti.com
52
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: LMX2624-SP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com