Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

PLMX2624PAP/EM Arkusz danych(PDF) 31 Page - Texas Instruments

Numer części PLMX2624PAP/EM
Szczegółowy opis  LMX2624-SP 5MHz to 28GHz Wideband Synthesizer With Phase Synchronization and JESD204B/C Support
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI2 [Texas Instruments]
Strona internetowa  https://www.ti.com
Logo TI2 - Texas Instruments

PLMX2624PAP/EM Arkusz danych(HTML) 31 Page - Texas Instruments

Back Button PLMX2624PAP/EM Datasheet HTML 27Page - Texas Instruments PLMX2624PAP/EM Datasheet HTML 28Page - Texas Instruments PLMX2624PAP/EM Datasheet HTML 29Page - Texas Instruments PLMX2624PAP/EM Datasheet HTML 30Page - Texas Instruments PLMX2624PAP/EM Datasheet HTML 31Page - Texas Instruments PLMX2624PAP/EM Datasheet HTML 32Page - Texas Instruments PLMX2624PAP/EM Datasheet HTML 33Page - Texas Instruments PLMX2624PAP/EM Datasheet HTML 34Page - Texas Instruments PLMX2624PAP/EM Datasheet HTML 35Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 65 page
background image
fOUT and fOSC
related by integer
mul ple
?
Start
Category 1
SYNC Mode Not required at all
No limita ons on fOSC
Category 2
SYNC Required
SYNC Timing NOT cri cal
No limita ons on fOSC
Category 4
Device can NOT be reliably
used in SYNC mode
OSC_2X=0
?
CHDIV = 1,2,4, 6
?
NO
NO
NO
NO
fOUT and fOSC related by integer mul ple?
This means that the output (fOUT) and
input frequencies (fOSC) are related.
In other words:
(fOUT % fOSC=0) OR (fOSC % fOUT=0)
CHDIV = 1,2,4,6
This means the channel
divider a er the VCO is either
bypassed,2,4, or 6. In this
case, SYNC mode will put it in
the loop.
CHDIV = 1,2,4,6
?
fOUT%(2· fOSC)=0
CHDIV = 1,2,4,6
This means the channel divider a er the
VCO is either bypassed,2,4, or 6. In this
case, SYNC mode will put it in the loop.
NO
Integer Mode
?
NO
YES
Integer Mode
This is asking if the device is
in integer mode, which
would mean the frac onal
numerator is zero.
CHDIV=1?
NO
Category 1
SYNC Mode Required
No So ware/Pin SYNC Pulse required
Category 3
SYNC Required
SYNC Timing Cri cal
Limita ons on fOSC
fOSC
50 MHz
?
NO
Figure 6-8. Determining the SYNC Category
www.ti.com
LMX2624-SP
SNAS849 – DECEMBER 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
31
Product Folder Links: LMX2624-SP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com