Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

PLMX2624PAP/EM Arkusz danych(PDF) 35 Page - Texas Instruments

Numer części PLMX2624PAP/EM
Szczegółowy opis  LMX2624-SP 5MHz to 28GHz Wideband Synthesizer With Phase Synchronization and JESD204B/C Support
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI2 [Texas Instruments]
Strona internetowa  https://www.ti.com
Logo TI2 - Texas Instruments

PLMX2624PAP/EM Arkusz danych(HTML) 35 Page - Texas Instruments

Back Button PLMX2624PAP/EM Datasheet HTML 31Page - Texas Instruments PLMX2624PAP/EM Datasheet HTML 32Page - Texas Instruments PLMX2624PAP/EM Datasheet HTML 33Page - Texas Instruments PLMX2624PAP/EM Datasheet HTML 34Page - Texas Instruments PLMX2624PAP/EM Datasheet HTML 35Page - Texas Instruments PLMX2624PAP/EM Datasheet HTML 36Page - Texas Instruments PLMX2624PAP/EM Datasheet HTML 37Page - Texas Instruments PLMX2624PAP/EM Datasheet HTML 38Page - Texas Instruments PLMX2624PAP/EM Datasheet HTML 39Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 65 page
background image
Table 6-18. SysRef Delay
SYSREFPHASESHIFT
DELAY
JESD_DAC1
JESD_DAC2
JESD_DAC3
JESD_DAC4
0
Minimum
36
27
0
0
...
0
0
36
0
63
0
0
37
0
62
1
0
...
99
0
0
63
0
100
0
0
62
1
...
161
0
0
1
62
162
0
0
0
63
163
1
0
0
62
225
63
0
0
0
226
62
1
0
0
247
Maximum
41
22
0
0
> 247
Invalid
Invalid
Invalid
Invalid
Invalid
6.3.18.1 Programmable Fields
Table 6-19 has the programmable fields for the SYSREF functionality.
Table 6-19. SYSREF Programming Fields
FIELD
PROGRAMMING
DEFAULT
DESCRIPTION
SYSREF_EN
0 = Disabled
1 = enabled
0
Enables the SYSREF mode. SYSREF_EN
must be 1 if and only if OUTB_MUX=2
(SysRef)
SYSREF_DIV_PRE
1: DIV1
2: DIV2
4: DIV4
Other states: invalid
The output of this divider is the fINTERPOLATOR.
SYSREF_REPEAT
0 = SYSREF generation mode
1 = SYREF repeater mode
0
In SYSREF generation mode, the device
creates a series of SYSREF pulses.
In repeater mode, SYSREF pulses are
generated with the SysRefReq pin.
SYSREF_PULSE
0 = Continuous mode
1 = Pulsed mode
0
Continuous mode continuously makes
SYSREF pulses, where pulsed mode makes
a series of SYSREF_PULSE_CNT pulses
SYSREF_PULSE_CNT
0 to 15
4
In the case of using pulsed mode, this is the
number of pulses. Setting this to zero is an
allowable, but not practical state.
SYSREF_DIV
0: Divide by 4
1: Divide by 6
2: Divide by 8
...
2047: Divide by 4098
0
The SYSREF frequency is at the VCO
frequency divided by this value.
www.ti.com
LMX2624-SP
SNAS849 – DECEMBER 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
35
Product Folder Links: LMX2624-SP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com