Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

PLMX2624PAP/EM Arkusz danych(PDF) 32 Page - Texas Instruments

Numer części PLMX2624PAP/EM
Szczegółowy opis  LMX2624-SP 5MHz to 28GHz Wideband Synthesizer With Phase Synchronization and JESD204B/C Support
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI2 [Texas Instruments]
Strona internetowa  https://www.ti.com
Logo TI2 - Texas Instruments

PLMX2624PAP/EM Arkusz danych(HTML) 32 Page - Texas Instruments

Back Button PLMX2624PAP/EM Datasheet HTML 28Page - Texas Instruments PLMX2624PAP/EM Datasheet HTML 29Page - Texas Instruments PLMX2624PAP/EM Datasheet HTML 30Page - Texas Instruments PLMX2624PAP/EM Datasheet HTML 31Page - Texas Instruments PLMX2624PAP/EM Datasheet HTML 32Page - Texas Instruments PLMX2624PAP/EM Datasheet HTML 33Page - Texas Instruments PLMX2624PAP/EM Datasheet HTML 34Page - Texas Instruments PLMX2624PAP/EM Datasheet HTML 35Page - Texas Instruments PLMX2624PAP/EM Datasheet HTML 36Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 65 page
background image
6.3.15.3 Procedure for Using SYNC
This procedure must be used to put the device in SYNC mode.
1. Use the flowchart to determine the SYNC category.
2. Make determinations for OSCin and using SYNC based on the category
a. If Category 4, SYNC cannot be performed in this setup.
b. If category 3, verify that the maximum fOSC frequency for SYNC is not violated and there are hardware
accommodations to use the SYNC pin.
3. If the channel divide is used, determine the included channel divide value which is 2 × SEG1 of the channel
divide:
a. If OUTBUFFA_MUXSEL is not channel divider and OUTBUFFB_MUXSEL is not channel divider or
SysRef, then IncludedDivide = 1.
b. Otherwise, IncludedDivide = 6. In the case that the channel divider is 2, then IncludedDivide=4.
4. If not done already, divide the N divider and fractional values by the included channel divide to account for
the included channel divide.
5. Program the device with the VCO_PHASE_SYNC = 1. Note that this does not count as applying a SYNC to
device (for category 2).
6. Apply the SYNC, if required
a. If category 2, VCO_PHASE_SYNC can be toggled from 0 to 1. Alternatively, a rising edge can be sent to
the SYNC pin and the timing of this is not critical.
b. If category 3, the SYNC pin must be used, and the timing must be away from the rising edge of the
OSCin signal.
7. MASH_RST_CNT needs to be changed (increased) with reduced PFD frequency by engaging reference
dividers.
6.3.15.4 SYNC Input Pin
The SYNC input pin can be driven in CMOS. However, if not using SYNC mode (VCO_PHASE_SYNC = 0), then
the INPIN_IGNORE bit must be set to one, otherwise the bit causes issues with lock detect. If the pin is desired
for to be used and VCO_PHASE_SYNC=1, then set INPIN_IGNORE = 0.
6.3.16 Phase Adjust
The MASH_SEED word can use the sigma-delta modulator to shift output signal phase with respect to the
input reference. If a SYNC pulse is sent (software or pin) or the MASH is reset with MASH_RST_N, then this
phase shift is from the initial phase of zero. If the MASH_SEED word is written to, then this phase is added.
PHASE_SYNC_EN bit needs to be made 1 to allow phase shift immediately with the change in MASH SEED.
Without making PHASE_SYNC_EN=1, if mash seed is changed, output edge won't move. User needs to give a
sync rising edge on sync pin. The phase shift is calculated as Equation 5.
Phase shift in degrees = 360 × ( MASH_SEED / PLL_DEN) × ( IncludedDivide/CHDIV )
(5)
Example:
Mash seed = 1
Denominator = 12
Channel divider = 16
Phase shift ( VCO_PHASE_SYNC=0) = 360 × (1/12) × (1/16) = 1.875 degrees
Phase Shift (VCO_PHASE_SYNC=1) = 360 × (1/12) × (4/16) = 7.5 degrees
There are several considerations when using MASH_SEED
• Phase shift can be done with a FRAC_NUM = 0, but MASH_ORDER must be greater than zero. For
MASH_ORDER = 1, the phase shifting only occurs when MASH_SEED is a multiple of PLL_DEN.
• For the 2nd order modulator, PLL_N ≥ 45, for the 3rd order modulator, PLL_N ≥ 49, and for the fourth order
modulator, PLL_N ≥ 54.
LMX2624-SP
SNAS849 – DECEMBER 2024
www.ti.com
32
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: LMX2624-SP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com