Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

PLMX2624PAP/EM Arkusz danych(PDF) 46 Page - Texas Instruments

Numer części PLMX2624PAP/EM
Szczegółowy opis  LMX2624-SP 5MHz to 28GHz Wideband Synthesizer With Phase Synchronization and JESD204B/C Support
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI2 [Texas Instruments]
Strona internetowa  https://www.ti.com
Logo TI2 - Texas Instruments

PLMX2624PAP/EM Arkusz danych(HTML) 46 Page - Texas Instruments

Back Button PLMX2624PAP/EM Datasheet HTML 42Page - Texas Instruments PLMX2624PAP/EM Datasheet HTML 43Page - Texas Instruments PLMX2624PAP/EM Datasheet HTML 44Page - Texas Instruments PLMX2624PAP/EM Datasheet HTML 45Page - Texas Instruments PLMX2624PAP/EM Datasheet HTML 46Page - Texas Instruments PLMX2624PAP/EM Datasheet HTML 47Page - Texas Instruments PLMX2624PAP/EM Datasheet HTML 48Page - Texas Instruments PLMX2624PAP/EM Datasheet HTML 49Page - Texas Instruments PLMX2624PAP/EM Datasheet HTML 50Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 65 page
background image
7.1.12 R11 Register (Offset = Bh) [Reset = FD51h]
R11 is shown in Table 7-14.
Return to the Summary Table.
Table 7-14. R11 Register Field Descriptions
Bit
Field
Type
Reset
Description
15-0
MASH_DEN[31:16]
R/W
FD51h
Denom of MASH Fraction (MSB)
7.1.13 R12 Register (Offset = Ch) [Reset = 0000h]
R12 is shown in Table 7-15.
Return to the Summary Table.
Table 7-15. R12 Register Field Descriptions
Bit
Field
Type
Reset
Description
15-0
MASH_SEED[15:0]
R/W
0h
Mash seed (LSB) Sets the initial state of the fractional engine. Useful
for producing a phase shift and fractional spur optimization.
7.1.14 R13 Register (Offset = Dh) [Reset = 0000h]
R13 is shown in Table 7-16.
Return to the Summary Table.
Table 7-16. R13 Register Field Descriptions
Bit
Field
Type
Reset
Description
15-0
MASH_SEED[31:16]
R/W
0h
Mash seed (MSB)
7.1.15 R14 Register (Offset = Eh) [Reset = 0000h]
R14 is shown in Table 7-17.
Return to the Summary Table.
Table 7-17. R14 Register Field Descriptions
Bit
Field
Type
Reset
Description
15-0
MASH_NUM[15:0]
R/W
0h
Numerator of MASH fraction (LSB)
7.1.16 R15 Register (Offset = Fh) [Reset = 0000h]
R15 is shown in Table 7-18.
Return to the Summary Table.
Table 7-18. R15 Register Field Descriptions
Bit
Field
Type
Reset
Description
15-0
MASH_NUM[31:16]
R/W
0h
Numerator of MASH fraction (MSB)
7.1.17 R16 Register (Offset = 10h) [Reset = 0001h]
R16 is shown in Table 7-19.
Return to the Summary Table.
LMX2624-SP
SNAS849 – DECEMBER 2024
www.ti.com
46
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: LMX2624-SP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com