Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

PLMX2624PAP/EM Arkusz danych(PDF) 27 Page - Texas Instruments

Numer części PLMX2624PAP/EM
Szczegółowy opis  LMX2624-SP 5MHz to 28GHz Wideband Synthesizer With Phase Synchronization and JESD204B/C Support
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI2 [Texas Instruments]
Strona internetowa  https://www.ti.com
Logo TI2 - Texas Instruments

PLMX2624PAP/EM Arkusz danych(HTML) 27 Page - Texas Instruments

Back Button PLMX2624PAP/EM Datasheet HTML 23Page - Texas Instruments PLMX2624PAP/EM Datasheet HTML 24Page - Texas Instruments PLMX2624PAP/EM Datasheet HTML 25Page - Texas Instruments PLMX2624PAP/EM Datasheet HTML 26Page - Texas Instruments PLMX2624PAP/EM Datasheet HTML 27Page - Texas Instruments PLMX2624PAP/EM Datasheet HTML 28Page - Texas Instruments PLMX2624PAP/EM Datasheet HTML 29Page - Texas Instruments PLMX2624PAP/EM Datasheet HTML 30Page - Texas Instruments PLMX2624PAP/EM Datasheet HTML 31Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 65 page
background image
Table 6-11. CDIVx Pin-Mode Divider Values (continued)
CDIV2
CDIV1
CDIV0
CHDIV<4:0>
EQUIVALENT IN
SPI MODE
CHANNEL
DIVIDER VALUE
VMH
VML
VL
14
256
VMH
VML
VH
15
384
VMH
VMH
VL
16
512
VMH
VMH
VH
17
768
VMH
VH
VL
18
1024
VMH
VH
VH
19
1536
OUTMUX2, OUTMUX1 and OUTMUX0 pins are used to select the RFOUTx based on Table 6-12.
Table 6-12. OUTMUX Settings
OUTMUX2
OUTMUX1
OUTMUX0
RFOUTA OUTPUT RFOUTB OUTPUT
0
0
0
Channel Divider
Channel Divider
0
0
1
Channel Divider
VCO
0
1
0
VCO
Channel Divider
0
1
1
VCO
VCO
1
0
0
Doubler
Channel Divider
1
0
1
VCO
Doubler
1
1
0
Doubler
VCO
1
1
1
Doubler
Doubler
Example Frequency Generation in Pin-mode:
Requirements:
RFOUTAx RF output frequency = 21000 MHz
Only one RF output required; No SYSREF.
Reference Input (OSCIN) frequency = 50 MHz
Mode required: Pin-mode; No software or SPI control available in the actual sub-system implementation.
For generating 21000 MHz, Doubler output needed at the output. The configuration is as below:
CDIVx pins need to be configured value other than GND. For example, connect CDIV2, CDIV1 and CDIV0 to
VCC (All '1's).
OUTMUX2 = 1, OUTMUX1 = 1, OUTMUX0 = 0 (RFOUTA is configured for Doubler output).
MuteB is connected to GND for Muting the VCO path on RFOUTB.
REF_DBLR_EN is connected to VCC in this configuration for having the PFD to 100 MHz. The OSCIN 50 MHz
is doubled using this input doubler to improve the phase noise performance.
VCO frequency = 10500 MHz for generating 21000 MHz after Doubler. NDIV value needs to be 10500 / 100 =
105. Connect NDIV5, NDIV4, NDIV3, NDIV2, NDIV1, NID0 pins to the resistor network equivalent to 105 value.
Convert decimal 105 into equivalent base 4 value for generating the configuration for NDIV pins.
(105)10 = (001221)4.
The NDIVx pins need to be connected to VL, VL, VML, VMH, VMH, VML respectively using the resistor network.
MuteA and MuteB pins are available in Pin-mode and can be used as required for Mute and Unmute.
Refer to Unused pins treatment table for configuring the connections for unused pins.
www.ti.com
LMX2624-SP
SNAS849 – DECEMBER 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
27
Product Folder Links: LMX2624-SP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com