Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

PLMX2624PAP/EM Arkusz danych(PDF) 47 Page - Texas Instruments

Numer części PLMX2624PAP/EM
Szczegółowy opis  LMX2624-SP 5MHz to 28GHz Wideband Synthesizer With Phase Synchronization and JESD204B/C Support
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI2 [Texas Instruments]
Strona internetowa  https://www.ti.com
Logo TI2 - Texas Instruments

PLMX2624PAP/EM Arkusz danych(HTML) 47 Page - Texas Instruments

Back Button PLMX2624PAP/EM Datasheet HTML 43Page - Texas Instruments PLMX2624PAP/EM Datasheet HTML 44Page - Texas Instruments PLMX2624PAP/EM Datasheet HTML 45Page - Texas Instruments PLMX2624PAP/EM Datasheet HTML 46Page - Texas Instruments PLMX2624PAP/EM Datasheet HTML 47Page - Texas Instruments PLMX2624PAP/EM Datasheet HTML 48Page - Texas Instruments PLMX2624PAP/EM Datasheet HTML 49Page - Texas Instruments PLMX2624PAP/EM Datasheet HTML 50Page - Texas Instruments PLMX2624PAP/EM Datasheet HTML 51Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 65 page
background image
Table 7-19. R16 Register Field Descriptions
Bit
Field
Type
Reset
Description
15-9
UNDISCLOSED
R
0h
Program this field to 0x0.
8
DBL_BUF_EN
R/W
0h
Double buffering allows the user to program multiple registers
without having them actually take effect till R0 is written
0h = Disables double buffering
1h = Enables doubler buffering
7-0
RDIV_POST
R/W
1h
Post R-divider value
1h = /1
2h = /2
FFh = /255
7.1.18 R17 Register (Offset = 11h) [Reset = 1001h]
R17 is shown in Table 7-20.
Return to the Summary Table.
Table 7-20. R17 Register Field Descriptions
Bit
Field
Type
Reset
Description
15-13
RESERVED
R/W
0h
No description
12
REF_Doubler_EN
R/W
1h
Register control for doubler in reference path.
0h = Disable REF path doubler
1h = Enable Doubler
11-0
RDIV_PRE
R/W
1h
Pre R-divider valuec(First 8 bits)
All other bits are reserved.
1h = /1
2h = /2
80h = /128
7.1.19 R18 Register (Offset = 12h) [Reset = 0030h]
R18 is shown in Table 7-21.
Return to the Summary Table.
Table 7-21. R18 Register Field Descriptions
Bit
Field
Type
Reset
Description
15-5
SYSREF_DIV
R/W
1h
Fout = Fin/(2*SYSREF_DIV + 4)
0h = /4
1h = /6
2h = /8
3h = /10
7FFh = /4098
4-2
SYSREF_PRE_DIV
R/W
4h
SYSREF Input clock divider MUX
0h = div by 1
1h = div by 2
2h = div by 4
1
SYSREF_EN
R/W
0h
This is a master signal to enable entire sys ref module including
repeater mode
0h = Disable SYSREF module
1h = Enable SYSREF module
0
SYSREF_MODE
R/W
0h
Set the device in master or repeater mode.
0h = Master mode (Internally generated sysref)
1h = Engages repeater mode (Enabled typically when a sysref signal
is generated by an external device and needs to be "passed" by the
device).
www.ti.com
LMX2624-SP
SNAS849 – DECEMBER 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
47
Product Folder Links: LMX2624-SP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com