Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

PLMX2624PAP/EM Arkusz danych(PDF) 12 Page - Texas Instruments

Numer części PLMX2624PAP/EM
Szczegółowy opis  LMX2624-SP 5MHz to 28GHz Wideband Synthesizer With Phase Synchronization and JESD204B/C Support
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI2 [Texas Instruments]
Strona internetowa  https://www.ti.com
Logo TI2 - Texas Instruments

PLMX2624PAP/EM Arkusz danych(HTML) 12 Page - Texas Instruments

Back Button PLMX2624PAP/EM Datasheet HTML 8Page - Texas Instruments PLMX2624PAP/EM Datasheet HTML 9Page - Texas Instruments PLMX2624PAP/EM Datasheet HTML 10Page - Texas Instruments PLMX2624PAP/EM Datasheet HTML 11Page - Texas Instruments PLMX2624PAP/EM Datasheet HTML 12Page - Texas Instruments PLMX2624PAP/EM Datasheet HTML 13Page - Texas Instruments PLMX2624PAP/EM Datasheet HTML 14Page - Texas Instruments PLMX2624PAP/EM Datasheet HTML 15Page - Texas Instruments PLMX2624PAP/EM Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 65 page
background image
3.2 V ≤ VCC ≤ 3.45 V, –55°C ≤ TC ≤ +125°C., OSCIN = 100MHz, SM Clock = 12.5MHz, Typical values are at VCC = 3.3 V,
25°C (unless otherwise noted).
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VCO CHARACTERISTICS
fVCO
VCO frequency
7500
15000
MHz
PNVCO
VCO phase noise
VCO1
fVCO = 8.1 GHz
VCO1
fVCO = 8.1 GHz
100 kHz
−105
dBc/Hz
PNVCO
VCO phase noise
VCO1
fVCO = 8.1 GHz
VCO1
fVCO = 8.1 GHz
1 MHz
−127
dBc/Hz
PNVCO
VCO phase noise
VCO1
fVCO = 8.1 GHz
VCO1
fVCO = 8.1 GHz
10 MHz
−148
dBc/Hz
PNVCO
VCO phase noise
VCO1
fVCO = 8.1 GHz
VCO1
fVCO = 8.1 GHz
100 MHz
−155
dBc/Hz
PNVCO
VCO phase noise
VCO2
fVCO = 9.3 GHz
VCO2
fVCO = 9.3 GHz
100 kHz
−103
dBc/Hz
PNVCO
VCO phase noise
VCO2
fVCO = 9.3 GHz
VCO2
fVCO = 9.3 GHz
1 MHz
−125
dBc/Hz
PNVCO
VCO phase noise
VCO2
fVCO = 9.3 GHz
VCO2
fVCO = 9.3 GHz
10 MHz
−146
dBc/Hz
PNVCO
VCO phase noise
VCO2
fVCO = 9.3 GHz
VCO2
fVCO = 9.3 GHz
100 MHz
−153
dBc/Hz
PNVCO
VCO phase noise
VCO3
fVCO = 10.4 GHz
VCO3
fVCO = 10.4 GHz
100 kHz
−103
dBc/Hz
PNVCO
VCO phase noise
VCO3
fVCO = 10.4 GHz
VCO3
fVCO = 10.4 GHz
1 MHz
−125
dBc/Hz
PNVCO
VCO phase noise
VCO3
fVCO = 10.4 GHz
VCO3
fVCO = 10.4 GHz
10 MHz
−147
dBc/Hz
PNVCO
VCO phase noise
VCO3
fVCO = 10.4 GHz
VCO3
fVCO = 10.4 GHz
100 MHz
−158
dBc/Hz
PNVCO
VCO phase noise
VCO4
fVCO = 11.4 GHz
VCO4
fVCO = 11.4 GHz
100 kHz
−101
dBc/Hz
PNVCO
VCO phase noise
VCO4
fVCO = 11.4 GHz
VCO4
fVCO = 11.4 GHz
1 MHz
−124
dBc/Hz
PNVCO
VCO phase noise
VCO4
fVCO = 11.4 GHz
VCO4
fVCO = 11.4 GHz
10 MHz
−146
dBc/Hz
PNVCO
VCO phase noise
VCO4
fVCO = 11.4 GHz
VCO4
fVCO = 11.4 GHz
100 MHz
−158
dBc/Hz
PNVCO
VCO phase noise
VCO5
fVCO = 12.5 GHz
VCO5
fVCO = 12.5 GHz
100 kHz
−102
dBc/Hz
PNVCO
VCO phase noise
VCO5
fVCO = 12.5 GHz
VCO5
fVCO = 12.5 GHz
1 MHz
−126
dBc/Hz
PNVCO
VCO phase noise
VCO5
fVCO = 12.5 GHz
VCO5
fVCO = 12.5 GHz
10 MHz
−147
dBc/Hz
PNVCO
VCO phase noise
VCO5
fVCO = 12.5 GHz
VCO5
fVCO = 12.5 GHz
100 MHz
−156
dBc/Hz
PNVCO
VCO phase noise
VCO6
fVCO = 13.6 GHz
VCO6
fVCO = 13.6 GHz
100 kHz
−101
dBc/Hz
PNVCO
VCO phase noise
VCO6
fVCO = 13.6 GHz
VCO6
fVCO = 13.6 GHz
1 MHz
−124
dBc/Hz
PNVCO
VCO phase noise
VCO6
fVCO = 13.6 GHz
VCO6
fVCO = 13.6 GHz
10 MHz
−146
dBc/Hz
PNVCO
VCO phase noise
VCO6
fVCO = 13.6 GHz
VCO6
fVCO = 13.6 GHz
100 MHz
−160
dBc/Hz
PNVCO
VCO phase noise
VCO7
fVCO = 14.7 GHz
VCO7
fVCO = 14.7 GHz
100 kHz
−101
dBc/Hz
PNVCO
VCO phase noise
VCO7
fVCO = 14.7 GHz
VCO7
fVCO = 14.7 GHz
1 MHz
−124
dBc/Hz
PNVCO
VCO phase noise
VCO7
fVCO = 14.7 GHz
VCO7
fVCO = 14.7 GHz
10 MHz
−146
dBc/Hz
PNVCO
VCO phase noise
VCO7
fVCO = 14.7 GHz
VCO7
fVCO = 14.7 GHz
100 MHz
−157
dBc/Hz
LMX2624-SP
SNAS849 – DECEMBER 2024
www.ti.com
12
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: LMX2624-SP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com