Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

PLMX2624PAP/EM Arkusz danych(PDF) 21 Page - Texas Instruments

Numer części PLMX2624PAP/EM
Szczegółowy opis  LMX2624-SP 5MHz to 28GHz Wideband Synthesizer With Phase Synchronization and JESD204B/C Support
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI2 [Texas Instruments]
Strona internetowa  https://www.ti.com
Logo TI2 - Texas Instruments

PLMX2624PAP/EM Arkusz danych(HTML) 21 Page - Texas Instruments

Back Button PLMX2624PAP/EM Datasheet HTML 17Page - Texas Instruments PLMX2624PAP/EM Datasheet HTML 18Page - Texas Instruments PLMX2624PAP/EM Datasheet HTML 19Page - Texas Instruments PLMX2624PAP/EM Datasheet HTML 20Page - Texas Instruments PLMX2624PAP/EM Datasheet HTML 21Page - Texas Instruments PLMX2624PAP/EM Datasheet HTML 22Page - Texas Instruments PLMX2624PAP/EM Datasheet HTML 23Page - Texas Instruments PLMX2624PAP/EM Datasheet HTML 24Page - Texas Instruments PLMX2624PAP/EM Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 65 page
background image
The LMX2624-SP allows the user to assist the VCO calibration. In general, there are four kinds of assistance, as
shown in Table 6-4:
Table 6-4. Assisting the VCO Calibration Speed
ASSIST
ANCE
LEVEL
DESCRIPTION
VCO_SEL
VCO_SEL_FORCE
VCO_CAPCTRL_FO
RCE
VCO_DACISET_FOR
CE
VCO_CAPCTRL
VCO_DACISET
No
assist
User does nothing to improve VCO calibration speed.
7
0
Don't Care
Partial
assist
Upon every frequency change, before the FCAL_EN bit is
checked, the user provides the initial starting VCO_SEL
Choose by table
0
Don't Care
Full
assist
The user forces the VCO core (VCO_SEL),
amplitude settings (VCO_DACISET), and frequency band
(VCO_CAPCTRL) and manually sets the value. If the two
frequency points are no more than 5MHz apart and on
the same VCO core, the user can set the VCO amplitude
and capcode for any frequency between those two points
using linear interpolation
Choose by
readback
1
Choose by readback
6.3.7.1.1 Double Buffering (Shadow Registers)
Double buffering—also known as "shadow registers"—allows the user to program multiple registers without
having them actually take effect. Then when the R0 register is programmed, then these registers take effect.
This is especially useful if one wants to change frequencies quickly and multiple register writes are required.
When DBLBUF_EN = 1, the double buffering is enabled for the registers related to VCO, Doubler, PLL, Output
MUX and Channel Divider. More details on the registers are available in Register map section.
For the no assist method, just set VCO_SEL=7 and this is done. For partial assist, the VCO calibration speed
can be improved by changing the VCO_SEL bit according to the frequency. Note that the frequency is not the
actual VCO core range, but favors choosing the VCO. This is not only optimal for VCO calibration speed, but
required for reliable locking.
www.ti.com
LMX2624-SP
SNAS849 – DECEMBER 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
21
Product Folder Links: LMX2624-SP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com