Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

PLMX2624PAP/EM Arkusz danych(PDF) 36 Page - Texas Instruments

Numer części PLMX2624PAP/EM
Szczegółowy opis  LMX2624-SP 5MHz to 28GHz Wideband Synthesizer With Phase Synchronization and JESD204B/C Support
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI2 [Texas Instruments]
Strona internetowa  https://www.ti.com
Logo TI2 - Texas Instruments

PLMX2624PAP/EM Arkusz danych(HTML) 36 Page - Texas Instruments

Back Button PLMX2624PAP/EM Datasheet HTML 32Page - Texas Instruments PLMX2624PAP/EM Datasheet HTML 33Page - Texas Instruments PLMX2624PAP/EM Datasheet HTML 34Page - Texas Instruments PLMX2624PAP/EM Datasheet HTML 35Page - Texas Instruments PLMX2624PAP/EM Datasheet HTML 36Page - Texas Instruments PLMX2624PAP/EM Datasheet HTML 37Page - Texas Instruments PLMX2624PAP/EM Datasheet HTML 38Page - Texas Instruments PLMX2624PAP/EM Datasheet HTML 39Page - Texas Instruments PLMX2624PAP/EM Datasheet HTML 40Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 65 page
background image
6.3.18.2 Input and Output Pin Formats
6.3.18.2.1 SYSREF Output Format
The SYSREF output comes in differential format through RFoutB. This has a minimum voltage of about 2.3 V
and a maximum of 3.3 V. If DC coupling can not be used, there are two strategies for AC coupling.
Data
Converter
LMX26xx
SysRefOutP
SysRefOutN
3.3 V
3.3 V
Figure 6-10. SYSREF Output
1. Send a series of pulses to establish a DC-bias level across the AC-coupling capacitor.
2. Establish a bias voltage at the data converter that is below the threshold voltage by using a resistive divider.
6.3.18.3 Examples
The SysRef can be used in a repeater mode, which just echos the input, after being re-clocked to the
fINTERPOLATOR frequency and then RFout, or SysRef can be used in a repeater. In repeater mode, SysRef
can repeat 1, 2, 4, 8, or infinite (continuous) pulses. The frequency for repeater mode is equal to the RFout
frequency divided by the SYSREF divider.
OSCinP
OSCinM
SysRefReq
RFoutAM
RFoutAP
RFoutBP
RFoutBM
I
I
t
1
t
2
t
1
t
2
Figure 6-11. SYSREF Out In Repeater Mode
In SYSREF generation mode, the SysRefReq pin is pulled high to allow the SysRef output.
OSCinP
OSCinM
SysRefReq
RFoutAM
RFoutAP
RFoutBP
RFoutBM
I
I
Figure 6-12. Figure 1. SYSREF Out In Pulsed/Continuous Mode
LMX2624-SP
SNAS849 – DECEMBER 2024
www.ti.com
36
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: LMX2624-SP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com