Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

PLMX2624PAP/EM Arkusz danych(PDF) 33 Page - Texas Instruments

Numer części PLMX2624PAP/EM
Szczegółowy opis  LMX2624-SP 5MHz to 28GHz Wideband Synthesizer With Phase Synchronization and JESD204B/C Support
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI2 [Texas Instruments]
Strona internetowa  https://www.ti.com
Logo TI2 - Texas Instruments

PLMX2624PAP/EM Arkusz danych(HTML) 33 Page - Texas Instruments

Back Button PLMX2624PAP/EM Datasheet HTML 29Page - Texas Instruments PLMX2624PAP/EM Datasheet HTML 30Page - Texas Instruments PLMX2624PAP/EM Datasheet HTML 31Page - Texas Instruments PLMX2624PAP/EM Datasheet HTML 32Page - Texas Instruments PLMX2624PAP/EM Datasheet HTML 33Page - Texas Instruments PLMX2624PAP/EM Datasheet HTML 34Page - Texas Instruments PLMX2624PAP/EM Datasheet HTML 35Page - Texas Instruments PLMX2624PAP/EM Datasheet HTML 36Page - Texas Instruments PLMX2624PAP/EM Datasheet HTML 37Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 65 page
background image
When using MASH_SEED in the case where IncludedDivide > 1, there are several additional considerations to
get the phase shift to be monotonically increasing with MASH_SEED.
• Using the MASH_ORDER ≤ 2 is recommended.
• When using the 2nd order modulator for VCO frequencies below 10 GHz (when IncludedDivide = 6) or 9 GHz
(when IncludedDivide = 4), increasing the PLL_N value much higher or changing to first order modulator can
be necessary. When this use case is necessary depends on the VCO frequency, IncludedDivide, and PLL_N
value.
6.3.17 Fine Adjustments for Phase Adjust and Phase SYNC
Phase SYNC refers to the process of getting the same phase relationship for every power up cycle and each
time assuming that a given programming procedure is followed. However, there are some adjustments that can
be made to get the most accurate results. As for the consistency of the phase SYNC, the only source of variation
can be if the VCO calibration chooses a different VCO core and capacitor, which can introduce a bimodal
distribution with about 10 ps of variation. If this 10 ps is not desirable, then the variation can be eliminated
by reading back the VCO core, capcode, and DACISET values and forcing these values to provide the same
calibration settings every time. The delay through the device varies from part to part and can be on the order of
60 ps. This part to part variation can be calibrated out with the MASH_SEED. The variation in delay through the
device also changes on the order of +2.5 ps/°C, but devices on the same board likely have similar temperatures.
In summary, the device can be made to have consistent delay through the part and there are means to adjust
out any remaining errors with the MASH_SEED. This tends only to be an issue at higher output frequencies
when the period is shorter.
www.ti.com
LMX2624-SP
SNAS849 – DECEMBER 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
33
Product Folder Links: LMX2624-SP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com