Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

PLMX2624PAP/EM Arkusz danych(PDF) 28 Page - Texas Instruments

Numer części PLMX2624PAP/EM
Szczegółowy opis  LMX2624-SP 5MHz to 28GHz Wideband Synthesizer With Phase Synchronization and JESD204B/C Support
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI2 [Texas Instruments]
Strona internetowa  https://www.ti.com
Logo TI2 - Texas Instruments

PLMX2624PAP/EM Arkusz danych(HTML) 28 Page - Texas Instruments

Back Button PLMX2624PAP/EM Datasheet HTML 24Page - Texas Instruments PLMX2624PAP/EM Datasheet HTML 25Page - Texas Instruments PLMX2624PAP/EM Datasheet HTML 26Page - Texas Instruments PLMX2624PAP/EM Datasheet HTML 27Page - Texas Instruments PLMX2624PAP/EM Datasheet HTML 28Page - Texas Instruments PLMX2624PAP/EM Datasheet HTML 29Page - Texas Instruments PLMX2624PAP/EM Datasheet HTML 30Page - Texas Instruments PLMX2624PAP/EM Datasheet HTML 31Page - Texas Instruments PLMX2624PAP/EM Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 65 page
background image
Driving 4-level Pins Using GPIOs:
Previous section described on creating VL, VML, VMH and VH levels using resistor network. This arrangement
is sufficient if the RFOUTx frequency is fixed. For applications that require changes of frequency using pin-mode
options, the NDIVx and CDIVx pins levels need to be changed as per the output frequency requirement. One
option is to drive these 4-level pins using low speed precision DACs to create these four voltage levels which is
complex.
Following arrangement can help in driving 4-level using GPIOs. See Table 6-13.
Table 6-13. Driving 4-level Pins Using GPIOs in Pin-mode
NxB
NxA
Nx
Voltage level at Nx Pin
VL
VL
VL
0
VL
VH
VML
VH/3
VH
VL
VMH
2* VH/3
VH
VH
VH
VH
1 k
GPIO1
LMX2624
1 k
GPIO2
Nx
NDIVx pin
N2
N1
N0
Figure 6-5. Driving 4 Level Pins Using GPIOs
The arrangement in Figure 6-5 needs to be created for which NDIVx and CDIVx pins need to be updated based
on the output frequency requirement.
6.3.14 Treatment of Unused Pins
This device has several pins for many features and there is a preferred way to treat these pins if not needed. For
the input pins, a series resistor is recommend but can be directly shorted.
Table 6-14. Recommended Treatment of Pins
Pins
SPI Mode
Pin Mode
Recommended Treatment if NOT Used
CDIV0, CDIV1,
CDIV2
Always
used
Always Used SPI-mode: CDIV0, CDIV1, CDIV2 pins must be GND with 1 kΩ resistor.
Pin-mode: CDIV0, CDVI1, CDVI2 pins must have value other than the GND for all pins
at a time. Based on the value on these pins, output Divider is set.
NDIV0, NDIV1,
NDIV2, NDIV3,
NDIV4, NDIV5
Never used Always Used GND with 1 kΩ
CAL
Never Used Sometimes
Used
VCC with 1 kΩ
SYNC, SysRefReq
Sometimes
Used
Never Used
GND with 1 kΩ
LMX2624-SP
SNAS849 – DECEMBER 2024
www.ti.com
28
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: LMX2624-SP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com