Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

PLMX2624PAP/EM Arkusz danych(PDF) 48 Page - Texas Instruments

Numer części PLMX2624PAP/EM
Szczegółowy opis  LMX2624-SP 5MHz to 28GHz Wideband Synthesizer With Phase Synchronization and JESD204B/C Support
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI2 [Texas Instruments]
Strona internetowa  https://www.ti.com
Logo TI2 - Texas Instruments

PLMX2624PAP/EM Arkusz danych(HTML) 48 Page - Texas Instruments

Back Button PLMX2624PAP/EM Datasheet HTML 44Page - Texas Instruments PLMX2624PAP/EM Datasheet HTML 45Page - Texas Instruments PLMX2624PAP/EM Datasheet HTML 46Page - Texas Instruments PLMX2624PAP/EM Datasheet HTML 47Page - Texas Instruments PLMX2624PAP/EM Datasheet HTML 48Page - Texas Instruments PLMX2624PAP/EM Datasheet HTML 49Page - Texas Instruments PLMX2624PAP/EM Datasheet HTML 50Page - Texas Instruments PLMX2624PAP/EM Datasheet HTML 51Page - Texas Instruments PLMX2624PAP/EM Datasheet HTML 52Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 65 page
background image
7.1.20 R19 Register (Offset = 13h) [Reset = 01F8h]
R19 is shown in Table 7-22.
Return to the Summary Table.
Table 7-22. R19 Register Field Descriptions
Bit
Field
Type
Reset
Description
15
UNDISCLOSED
R
0h
Program this field to 0x0.
14-9
JESD_DAC2
R/W
0h
Programmable delay for SYSREF output
8-3
JESD_DAC1
R/W
3Fh
The register bits represent DAC stages to be enabled, each reg set
representing 63 stages and each code corresponds to a delay step
in final output.
2
SYSREF_RPTR_NONSY
NCMODE_EN
R/W
0h
Enables sysref in repeater non-sync mode
0h = Device is in sync mode
1h = Device is in Non-sync mode if repeater mode is selected.
1
UNDISCLOSED
R/W
0h
Program this field to 0x0.
0
SYSREF_PULSE_EN
R/W
0h
Sets the device for continuous sysref pulses or fixed number
of pulses. The number of pulses is programmed through
SYSREF_RPT_CNT register.
0h = Continuous mode
1h = Pulsed mode
7.1.21 R20 Register (Offset = 14h) [Reset = 0000h]
R20 is shown in Table 7-23.
Return to the Summary Table.
Table 7-23. R20 Register Field Descriptions
Bit
Field
Type
Reset
Description
15-12
SYSREF_PULSE_CNT
R/W
0h
Used in N-shot mode to determine number of cycles SYSREF output
is present. Setting this to zero is an allowable, but not practical state.
1h = 1pulses
2h = 2pulses
Fh = 15 pulses
11-6
JESD_DAC4
R/W
0h
Programmable delay for SYSREF output
5-0
JESD_DAC3
R/W
0h
Programmable delay for SYSREF output
7.1.22 R22 Register (Offset = 16h) [Reset = 0001h]
R22 is shown in Table 7-24.
Return to the Summary Table.
Table 7-24. R22 Register Field Descriptions
Bit
Field
Type
Reset
Description
15-8
UNDISCLOSED
R
0h
Program this field to 0x0.
7
UNDISCLOSED
R/W
0h
Program this field to 0x0.
6-0
MUXOUT_TM_SEL
R/W
1h
User Debug
0h = lock_detect
1h = lock_detect
2h = Refout Clock(divided)
3h = SM Clock
LMX2624-SP
SNAS849 – DECEMBER 2024
www.ti.com
48
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: LMX2624-SP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com