Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

PLMX2624PAP/EM Arkusz danych(PDF) 17 Page - Texas Instruments

Numer części PLMX2624PAP/EM
Szczegółowy opis  LMX2624-SP 5MHz to 28GHz Wideband Synthesizer With Phase Synchronization and JESD204B/C Support
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI2 [Texas Instruments]
Strona internetowa  https://www.ti.com
Logo TI2 - Texas Instruments

PLMX2624PAP/EM Arkusz danych(HTML) 17 Page - Texas Instruments

Back Button PLMX2624PAP/EM Datasheet HTML 13Page - Texas Instruments PLMX2624PAP/EM Datasheet HTML 14Page - Texas Instruments PLMX2624PAP/EM Datasheet HTML 15Page - Texas Instruments PLMX2624PAP/EM Datasheet HTML 16Page - Texas Instruments PLMX2624PAP/EM Datasheet HTML 17Page - Texas Instruments PLMX2624PAP/EM Datasheet HTML 18Page - Texas Instruments PLMX2624PAP/EM Datasheet HTML 19Page - Texas Instruments PLMX2624PAP/EM Datasheet HTML 20Page - Texas Instruments PLMX2624PAP/EM Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 65 page
background image
6.2 Functional Block Diagram
Charge
Pump
Vtune
CPout
RFoutAP
Sigma-Delta
Modulator
N Divider
x2
Post-R
Divider
Pre-R
Divider
Vcc
RFoutAM
RFoutBM
Vcc
External loop filter
Phase
Detector
Output
Buffer
OSCin
Buffer
Serial
Interface
Control
SDI
SCK
CSB
MUXout
OSCinP
OSCinM
Input
signal
RFoutBP
MUX
MUX
SYSREF
Synchronization
and Delay
X2
Mult
Pin-mode control
(N divider, Channel divider)
NDIV
CDIV
Channel
Divider
MuteA
MuteB
OUTMUX
SysRefReq
REF_DBLR_EN
SYNC
SYNC
6.3 Feature Description
6.3.1 Reference Oscillator Input
The OSCin pins are used as a frequency reference input to the device. The input is high impedance and requires
AC-coupling caps at the pin. The OSCin pins can be driven single-ended with a CMOS clock or XO. Differential
clock input is also supported, making interfacing with high-performance system clock devices such as TI’s LMK
series clock devices simpler. As the OSCin signal is used as a clock for the VCO calibration, a proper reference
signal must be applied at the OSCin pin at the time of programming FCAL_EN.
6.3.2 Reference Path
The reference path consists of an OSCin doubler (OSC_2X), Pre-R divider, and a Post-R divider.
OSCin
Douber
Post-R
Divider
Pre-R
Divider
OSCin
Buffer
OSCinP
OSCinM
Input
signal
Figure 6-1. Reference Path Diagram
The OSCin doubler (OSC_2X) can double up low OSCin frequencies. The OSCin doubler allows one to double
the input reference frequency. This doubler adds minimal noise and is useful for increasing the Phase Detector
frequency and also to avoid spurs. When the phase detector frequency is increased, the flat portion of the
PLL phase noise improves. Pre-R (PLL_R_PRE) and Post-R (PLL_R) dividers both divide frequency down. The
phase detector frequency, fPD, is calculated in Equation 1
fPD = fOSC × OSC_2X / (PLL_R_PRE × PLL_R)
(1)
For Equation 1, remember:
• If the OSCin doubler is used, the OSCin signal must have around 50% duty cycle as both the rising and
falling edges are used. Otherwise the spurs are high.
• If the OSCin doubler is not used, only rising edges of the OSCin signal are used and duty cycle is not critical.
www.ti.com
LMX2624-SP
SNAS849 – DECEMBER 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
17
Product Folder Links: LMX2624-SP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com