Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

PLMX2624PAP/EM Arkusz danych(PDF) 45 Page - Texas Instruments

Numer części PLMX2624PAP/EM
Szczegółowy opis  LMX2624-SP 5MHz to 28GHz Wideband Synthesizer With Phase Synchronization and JESD204B/C Support
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI2 [Texas Instruments]
Strona internetowa  https://www.ti.com
Logo TI2 - Texas Instruments

PLMX2624PAP/EM Arkusz danych(HTML) 45 Page - Texas Instruments

Back Button PLMX2624PAP/EM Datasheet HTML 41Page - Texas Instruments PLMX2624PAP/EM Datasheet HTML 42Page - Texas Instruments PLMX2624PAP/EM Datasheet HTML 43Page - Texas Instruments PLMX2624PAP/EM Datasheet HTML 44Page - Texas Instruments PLMX2624PAP/EM Datasheet HTML 45Page - Texas Instruments PLMX2624PAP/EM Datasheet HTML 46Page - Texas Instruments PLMX2624PAP/EM Datasheet HTML 47Page - Texas Instruments PLMX2624PAP/EM Datasheet HTML 48Page - Texas Instruments PLMX2624PAP/EM Datasheet HTML 49Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 65 page
background image
Table 7-9. R6 Register Field Descriptions (continued)
Bit
Field
Type
Reset
Description
7-0
VCO_CAPCTRL
R/W
BFh
cap code for VCO0-7. Usable range is from 191 to 0.
7.1.8 R7 Register (Offset = 7h) [Reset = 7D40h]
R7 is shown in Table 7-10.
Return to the Summary Table.
Table 7-10. R7 Register Field Descriptions
Bit
Field
Type
Reset
Description
15
UNDISCLOSED
R
0h
Program this field to 0x0.
14-7
FASTCHG_CYCLES
R/W
FAh
Control number of SM cycles for which the fast charge is ON
once reg0 is written in full_assist or double buffering mode.
Recommended time = 5us
1h = 1SM clock cycle
2h = 2SM cycle
FFh = 255 SM clock cycles
6-4
DBLR_PREGEN_AMP_D
ACCTRL
R/W
4h
Control daccode in Doubler PreDriver Amplifier. Code the bit
according to the readback after dblr calibration.
3-0
DBLR_PREGEN_AMP_C
APCTRL
R/W
0h
Control capcode in Doubler PreDriver Amplifier. Code the bit
according to the readback after dblr calibration.
7.1.9 R8 Register (Offset = 8h) [Reset = 0046h]
R8 is shown in Table 7-11.
Return to the Summary Table.
Table 7-11. R8 Register Field Descriptions
Bit
Field
Type
Reset
Description
15-0
PLL_N[15:0]
R/W
46h
Integer part of NDIV (LSB)
7.1.10 R9 Register (Offset = 9h) [Reset = 0000h]
R9 is shown in Table 7-12.
Return to the Summary Table.
Table 7-12. R9 Register Field Descriptions
Bit
Field
Type
Reset
Description
15-13
PLL_N[18:16]
R/W
0h
Upper 3 bits of N mash, total 19 bits, split as 16 + 3
12-0
RESERVED
R/W
0h
No description
7.1.11 R10 Register (Offset = Ah) [Reset = DA80h]
R10 is shown in Table 7-13.
Return to the Summary Table.
Table 7-13. R10 Register Field Descriptions
Bit
Field
Type
Reset
Description
15-0
MASH_DEN[15:0]
R/W
DA80h
Denom of MASH Fraction (LSB)
www.ti.com
LMX2624-SP
SNAS849 – DECEMBER 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
45
Product Folder Links: LMX2624-SP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com