Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

PLMX2624PAP/EM Arkusz danych(PDF) 43 Page - Texas Instruments

Numer części PLMX2624PAP/EM
Szczegółowy opis  LMX2624-SP 5MHz to 28GHz Wideband Synthesizer With Phase Synchronization and JESD204B/C Support
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI2 [Texas Instruments]
Strona internetowa  https://www.ti.com
Logo TI2 - Texas Instruments

PLMX2624PAP/EM Arkusz danych(HTML) 43 Page - Texas Instruments

Back Button PLMX2624PAP/EM Datasheet HTML 39Page - Texas Instruments PLMX2624PAP/EM Datasheet HTML 40Page - Texas Instruments PLMX2624PAP/EM Datasheet HTML 41Page - Texas Instruments PLMX2624PAP/EM Datasheet HTML 42Page - Texas Instruments PLMX2624PAP/EM Datasheet HTML 43Page - Texas Instruments PLMX2624PAP/EM Datasheet HTML 44Page - Texas Instruments PLMX2624PAP/EM Datasheet HTML 45Page - Texas Instruments PLMX2624PAP/EM Datasheet HTML 46Page - Texas Instruments PLMX2624PAP/EM Datasheet HTML 47Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 65 page
background image
Table 7-6. R3 Register Field Descriptions (continued)
Bit
Field
Type
Reset
Description
13-12
OUTBUFFA_MUXSEL
R/W
1h
Selects OUTBUFFA configuration
0h = CHDIV
1h = VCO
2h = DBLR
3h = Invalid
11
OUTMUX_PIN_CTRL
R/W
0h
Decides whether OUTMUX selection needs to be controlled through
OUTMUX pins or OUTBUFFA/B_MUXSEL
0h = Controlled through pin
1h = Controlled through register
10-5
PFD_DLY
R/W
2h
Programmable phase detector delay. This must be programmed
based on VCO frequency, fractional order, and N divider value
DLY = (PFD_DLY_SEL + 3)*4*VCO_cycle
0h = Don't use PFD_DLY_SEL
1h = 16 VCO cycles
2h = 20 VCO cycles
3h = 24 VCO cycles
4h = ...
3Fh = 264 VCO cycles
4-0
CHDIV
R/W
0h
Channel divider (Equivalent Division) controls divider value of each
segment of the channel divider
0h = NA
1h = /2
2h = /4
3h = /6
4h = /8
5h = /12
6h = /8
7h = /24
8h = /32
9h = /48
Ah = /64
Bh = /96
Ch = /128
Dh = /192
Eh = /256
Fh = /384
10h = /512
11h = /768
12h = /1024
13h = /1536
7.1.5 R4 Register (Offset = 4h) [Reset = 0710h]
R4 is shown in Table 7-7.
Return to the Summary Table.
Table 7-7. R4 Register Field Descriptions
Bit
Field
Type
Reset
Description
15
UNDISCLOSED
R
0h
Program this field to 0x0.
14
VCO_CAPCTRL_FORCE R/W
0h
Allows forcing the VCO capcode value by manually programming the
VCO_CAPCTRL register
13
VCO_IDAC_FORCE
R/W
0h
Allows forcing the VCODACISET to the value programmed in
VCODACISET register
12
VCO_SEL_FORCE
R/W
0h
Allows forcing the VCO_SEL value to manually select the VCO
11
QUICK_STRT_EN
R/W
0h
Calibration starts with previous capcode (VCO_CAPCTRL), VCO
(VCO_SEL) and idac code (VCODACISET) for quick calibration
www.ti.com
LMX2624-SP
SNAS849 – DECEMBER 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
43
Product Folder Links: LMX2624-SP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com