Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

PLMX2624PAP/EM Arkusz danych(PDF) 49 Page - Texas Instruments

Numer części PLMX2624PAP/EM
Szczegółowy opis  LMX2624-SP 5MHz to 28GHz Wideband Synthesizer With Phase Synchronization and JESD204B/C Support
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI2 [Texas Instruments]
Strona internetowa  https://www.ti.com
Logo TI2 - Texas Instruments

PLMX2624PAP/EM Arkusz danych(HTML) 49 Page - Texas Instruments

Back Button PLMX2624PAP/EM Datasheet HTML 45Page - Texas Instruments PLMX2624PAP/EM Datasheet HTML 46Page - Texas Instruments PLMX2624PAP/EM Datasheet HTML 47Page - Texas Instruments PLMX2624PAP/EM Datasheet HTML 48Page - Texas Instruments PLMX2624PAP/EM Datasheet HTML 49Page - Texas Instruments PLMX2624PAP/EM Datasheet HTML 50Page - Texas Instruments PLMX2624PAP/EM Datasheet HTML 51Page - Texas Instruments PLMX2624PAP/EM Datasheet HTML 52Page - Texas Instruments PLMX2624PAP/EM Datasheet HTML 53Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 65 page
background image
7.1.23 R23 Register (Offset = 17h) [Reset = 09C4h]
R23 is shown in Table 7-25.
Return to the Summary Table.
Table 7-25. R23 Register Field Descriptions
Bit
Field
Type
Reset
Description
15-0
LD_DLY
R/W
9C4h
For the VCOCal lock detect, this is the SM cycles that is added after
the calibration is finished before the VCOCal lock detect is asserted
high.
7.1.24 R30 Register (Offset = 1Eh) [Reset = D6D8h]
R30 is shown in Table 7-26.
Return to the Summary Table.
Table 7-26. R30 Register Field Descriptions
Bit
Field
Type
Reset
Description
15-0
MASH_RST_COUNT[15:0
]
R/W
D6D8h
Mash counter for applying reset puls (lower 16 bits)
7.1.25 R31 Register (Offset = 1Fh) [Reset = 0000h]
R31 is shown in Table 7-27.
Return to the Summary Table.
Table 7-27. R31 Register Field Descriptions
Bit
Field
Type
Reset
Description
15-0
MASH_RST_COUNT[31:1
6]
R/W
0h
Mash counter for applying reset pulse (upper 16 bits)- 16 bit
unsigned integer
This delay is used to verify that the reliable reset is provided to the
mash circuit only after device is locked when using phase SYNC.
This in turn verifies that during multi device sync scenario same
Mash output sequence is maintained. The delay must be set at
least four times the PLL lock time. This delay is expressed in state
machine clock periods.
One of these periods is equal to 2SM_CLK_DIV/Fosc
7.1.26 R32 Register (Offset = 20h) [Reset = 026Fh]
R32 is shown in Table 7-28.
Return to the Summary Table.
Table 7-28. R32 Register Field Descriptions
Bit
Field
Type
Reset
Description
15-10
RESERVED
R/W
0h
No description
9-3
WD_DLY
R/W
4Dh
Delay for the internal watchdog timer. The timer is internally
multiplied by 214. Default value is 25ms with 50MHz SM CLK.
www.ti.com
LMX2624-SP
SNAS849 – DECEMBER 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
49
Product Folder Links: LMX2624-SP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com