Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

PLMX2624PAP/EM Arkusz danych(PDF) 40 Page - Texas Instruments

Numer części PLMX2624PAP/EM
Szczegółowy opis  LMX2624-SP 5MHz to 28GHz Wideband Synthesizer With Phase Synchronization and JESD204B/C Support
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI2 [Texas Instruments]
Strona internetowa  https://www.ti.com
Logo TI2 - Texas Instruments

PLMX2624PAP/EM Arkusz danych(HTML) 40 Page - Texas Instruments

Back Button PLMX2624PAP/EM Datasheet HTML 36Page - Texas Instruments PLMX2624PAP/EM Datasheet HTML 37Page - Texas Instruments PLMX2624PAP/EM Datasheet HTML 38Page - Texas Instruments PLMX2624PAP/EM Datasheet HTML 39Page - Texas Instruments PLMX2624PAP/EM Datasheet HTML 40Page - Texas Instruments PLMX2624PAP/EM Datasheet HTML 41Page - Texas Instruments PLMX2624PAP/EM Datasheet HTML 42Page - Texas Instruments PLMX2624PAP/EM Datasheet HTML 43Page - Texas Instruments PLMX2624PAP/EM Datasheet HTML 44Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 65 page
background image
Table 7-2. Device Access Type Codes (continued)
Access Type
Code
Description
-n
Value after reset or the default
value
7.1.1 R0 Register (Offset = 0h) [Reset = B3CCh]
R0 is shown in Table 7-3.
Return to the Summary Table.
Table 7-3. R0 Register Field Descriptions
Bit
Field
Type
Reset
Description
15
RESERVED
R/W
0h
No description
14
VCO_PHASE_SYNC_EN R/W
0h
Phase sync enable. Rising edge on Phase Sync pin triggers Phase
Sync
13
DBLR_ACAL_EN
R/W
1h
Enables Doubler Amplitude calibration
0h = Double
12
DBLR_FCAL_EN
R/W
1h
Enables Doubler Frequency calibration
0h = Double calibration is disabled
1h = Enables doubler calibration (reg0 write)
11
ADR_HOLD
R/W
0h
Holds the address for SPI block Read/Write.
0h = Address is determined by ascend
1h = Address is determined by hold (Has priority over ascend)
10
ASCEND
R/W
0h
Direction of register update for SPI block write
0h = Address Descending
1h = Address Ascending
9-8
OPBUF_MUTE
R/W
3h
For unmuting channel A or B during calibration
0h = RFOUTB is not muted during FCAL
1h = RFOUTB is muted during FCAL
7-6
FCAL_SHIFT_LEFT
R/W
3h
Reduce the Nb4R, Rb4N (calibration)frequency by 2FCAL_SHIFT_LEFT.
Can be set according to PFD frequency (Fpd)
0h = Fpd ≤ 100MHz
1h = 100MHz < Fpd ≤ 150MHz
2h = 150MHz < Fpd ≤ 200MHz
3h = Fpd > 200MHz
5-4
FCAL_SHIFT_RIGHT
R/W
0h
Increase the Nb4R, Rb4N (calibration) frequency by
2FCAL_SHIFT_RIGHT during frequency calibration.
[Valid if PostR : k*2FCAL_SHIFT_RIGHT]
Can be set according to PFD frequency (Fpd)
0h = Fpd ≥ 10MHz
1h = 5MHz ≥Fpd< 10MHz
2h = 2.5MHz ≥Fpd< 5MHz
3h = Fpd< 2.5MHz
3
ACAL_EN
R/W
1h
Enables Amplitude calibration. This takes place only during
frequency calibration
0h = No amplitude calibration
1h = Amplitude calibration along with frequency calibration
2
FCAL_EN
R/W
1h
Writing reg0 with this bit enabled as 1 triggers VCO frequency
calibration
0h = Reg0 write does not trigger calibration
1h = Reg0 write triggers frequency calibration
1
RESET
R/W
0h
Reset all registers to default value
0h = Normal operation
1h = Writing 1, triggers reset. This register self returns to 0, but in
TICSPro you have to write a 0 to return the register to default
0
POWERDOWN
R/W
0h
Power down the device
0h = Normal Operation
1h = Device power down
LMX2624-SP
SNAS849 – DECEMBER 2024
www.ti.com
40
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: LMX2624-SP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com