Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

PLMX2624PAP/EM Arkusz danych(PDF) 44 Page - Texas Instruments

Numer części PLMX2624PAP/EM
Szczegółowy opis  LMX2624-SP 5MHz to 28GHz Wideband Synthesizer With Phase Synchronization and JESD204B/C Support
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI2 [Texas Instruments]
Strona internetowa  https://www.ti.com
Logo TI2 - Texas Instruments

PLMX2624PAP/EM Arkusz danych(HTML) 44 Page - Texas Instruments

Back Button PLMX2624PAP/EM Datasheet HTML 40Page - Texas Instruments PLMX2624PAP/EM Datasheet HTML 41Page - Texas Instruments PLMX2624PAP/EM Datasheet HTML 42Page - Texas Instruments PLMX2624PAP/EM Datasheet HTML 43Page - Texas Instruments PLMX2624PAP/EM Datasheet HTML 44Page - Texas Instruments PLMX2624PAP/EM Datasheet HTML 45Page - Texas Instruments PLMX2624PAP/EM Datasheet HTML 46Page - Texas Instruments PLMX2624PAP/EM Datasheet HTML 47Page - Texas Instruments PLMX2624PAP/EM Datasheet HTML 48Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 65 page
background image
Table 7-7. R4 Register Field Descriptions (continued)
Bit
Field
Type
Reset
Description
10
FAST_ACAL_EN
R/W
1h
Fast acal enable
0h = FAST ACAL is disabled.
1h = FAST ACAL is enabled
9
FAST_FCAL_EN
R/W
1h
Fast fcal enable
0h = FAST FCAL is disabled.
1h = FAST FCAL is enabled
8-0
UNDISCLOSED
R/W
110h
Program this field to 0x110.
7.1.6 R5 Register (Offset = 5h) [Reset = 0F2Ch]
R5 is shown in Table 7-8.
Return to the Summary Table.
Table 7-8. R5 Register Field Descriptions
Bit
Field
Type
Reset
Description
15-13
MASH_ORDER
R/W
0h
Decides MASH order.
MASH order has limitation based on 'N' value used and frequency.
0h = Mash Disable
1h = 1st order
2h = 2nd order
3h = 3rd order
4h = 4th order
6Fh = > Invalid
12
FULL_ASSIST
R/W
0h
Force VCO and Dblr settings in Full Assist mode to avoid calibration.
VCO and Doubler takes user programmed value s
for following registers - VCO_SEL, VCO_CAPCODE,
VCODACISET, DBLR1_PD, DBLR_AMP_CAPCTRL,
DBLR_AMP_DACCTRL, DBLR_PREGEN_AMP_CAPCTRL,
DBLR_PREGEN_AMP_DACCTRL
11-9
VCO_SEL
R/W
7h
User specified start VCO.
If no value is written, calibration starts with VCO7 (default value) else
calibration always starts with VCO7
0h = > Invalid
1h = VCO1
2h = VCO2
3h = VCO3
7h = VCO7
8-0
VCO_IDAC
R/W
12Ch
Idac bit setting for VCO. Adds extra 4uA bias current
7.1.7 R6 Register (Offset = 6h) [Reset = 41BFh]
R6 is shown in Table 7-9.
Return to the Summary Table.
Table 7-9. R6 Register Field Descriptions
Bit
Field
Type
Reset
Description
15
UNDISCLOSED
R
0h
Program this field to 0x0.
14-13
DBLR_AMP1_DACCTRL
R/W
2h
Control daccode in Doubler Amplifiers. Code the but according to the
readback after dblr calibration.
12-9
DBLR_AMP_CAPCTRL
R/W
0h
Control capcode in Doubler Amplifiers. Code the bit according to the
readback after dblr calibration.
8
DBLR1_PD
R/W
1h
To disable path1 for doubler. Needs override.
0h = Doubler1 path is powered on
1h = Doubler1 path is powered off
LMX2624-SP
SNAS849 – DECEMBER 2024
www.ti.com
44
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: LMX2624-SP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com